Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDSP-311X Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HDSP-311X
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HDSP-311X Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Package Dimensions
Package Drawing A
18.75
(0.738)
1.20
(0.047)
10.16
(0.400)
5.51
(0.220)
∅1.4
(0.55)
5.54
(0.218)
FRONT VIEW
0.50
(0.020)
2.54 x 6
(0.100)
4.10
(0.161)
DATE CODE
COLOR
BINNING
(NOTE 3)
LUMINOUS
INTENSITY
CATEGORY
COUNTRY
OF ORIGIN
TOP END VIEW
7.62
(0.300)
0.30
(0.012)
5.10
(0.201)
0.60
(0.020)
SIDE VIEW
A
F
G
B
C
DP
D
E
NOTE: NO PINS 4, 5, 6, AND 12
DIMENSIONS IN MILLIMETERS (INCHES)
9.80
(0.386)
+
PIN 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn