Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDSP-311X Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HDSP-311X
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HDSP-311X Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
This 10.16 mm (0.4 inch) LED single digit seven
segment display uses industry standard size package
and pinout. The device is available in either common
anode or common cathode. The choice of colors
includes High Efficiency Red (HER), Green, AlGaAs
Red, and Yellow. The gray face displays are suitable for
indoor use.
Devices
HER
Green
AlGaAs Red
Yellow
Description
Package Drawing
HDSP-311E
HDSP-311G
HDSP-311A
HDSP-311Y
Common Anode Right
A
Hand Decimal
HDSP-313E
HDSP-313G
HDSP-313A
HDSP-313Y
Common Cathode Right
B
Hand Decimal
Features
• Industry standard size
• Industry standard pinout
10.16 mm (0.4 inch) character height
DIP lead on 2.54 mm
• Choice of colors
High Efficiency Red (HER), Green, AlGaAs Red, and
Yellow
• Excellent appearance
Evenly lighted segments gray package gives optimum
contrast
± 50 ft. viewing angle
• Design flexibility
Common anode right hand decimal point or common
cathode right hand decimal point
• Categorized for luminous intensity
Green and yellow categorized for color
Applications
• Suitable for indoor use
• Not recommended for industrial application, i.e.,
operating temperature requirements exceeding +85˚C
or below –25˚C[1]
• Extreme temperature cycling not recommended
Note:
1. For additional details, please contact your local Avago sales office or
an authorized distributor.
HDSP-311x/313x
10.16 mm (0.4 inch) Single Digit General Purpose
Seven Segment Display
Data Sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn