Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-06LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS557G-06LFT
Description  1 TO 4 HCSL CLOCK BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-06LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS557G-06LFT Datasheet HTML 1Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 2Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 3Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 4Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 5Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 6Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 7Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 8Page - Integrated Device Technology ICS557G-06LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
1 TO 4 HCSL CLOCK BUFFER
ICS557-06
IDT™ / ICS™ 1 TO 4 HCSL CLOCK BUFFER
1
ICS557-06
REV F 090407
Description
The ICS557-06 is a one to four differential clock buffer
designed for use in PCI-Express applications. The device
selects one of the two differential HCSL or LVDS input pairs
and fans out to four pairs of differential HCSL or LVDS
outputs.
Features
Packaged in 20-pin TSSOP
Available in Pb (lead) free package
Operating voltage of 3.3 V
Low power consumption
Input differential clock of up to 200 MHz for HCSL and up
to 100 MHz for LVDS
Jitter 60 ps (cycle-to-cycle)
Output-to-output skew of 50 ps
Available in industrial temperature range (-40 to +85°C)
Block Diagram
VDD
CLKA
CLKA
Rr (IREF)
CLKB
CLKB
CLKC
CLKC
CLKD
CLKD
SEL
GND
IN1
IN1
IN2
IN2
MUX
2 to 1
OE
2
2
PD


Similar Part No. - ICS557G-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-06LFT ICST-ICS557G-06LFT Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
More results

Similar Description - ICS557G-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C557-06 PERICOM-PI6C557-06 Datasheet
844Kb / 8P
   1:4 HCSL PCIe Buffer
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com