Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES12T3G2ZABCG Datasheet(PDF) 31 Page - Integrated Device Technology

Part # 89HPES12T3G2ZABCG
Description  12-Lane 3-Port Gen2 PCI Express Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES12T3G2ZABCG Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button 89HPES12T3G2ZABCG Datasheet HTML 23Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 24Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 25Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 26Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 27Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 28Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 29Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 30Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 31Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
31 of 31
September 4, 2007
IDT 89HPES12T3G2 Data Sheet
CORPORATE HEADQUARTERS
6024 Silver Creek Valley Road
San Jose, CA 95138
for SALES:
800-345-7015 or 408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
email: ssdhelp@idt.com
phone: 408-284-8208
®
Ordering Information
Valid Combinations
89HPES12T3G2ZABC
324-ball BGA package, Commercial Temperature
89HPES12T3G2ZABCG
324-ball Green BGA package, Commercial Temperature
NN
A
AAA
NNAN
AAA
A
Operating
Voltage
Device
Family
Product
Package Temp Range
H
Blank
Commercial Temperature
(0°C to +70°C Ambient)
Product
Family
89
Serial Switching Product
BC324 324-ball CABGA
BC
12T3
12-lane, 3-port
1.0V +/- 0.1V Core Voltage
Detail
PCI Express Switch
PES
Legend
A = Alpha Character
N = Numeric Character
BCG324 324-ball CABGA, Green
BCG
AA
Device
Revision
ZA
ZA revision
AN
Generation
Series
G2
Generation 2


Similar Part No. - 89HPES12T3G2ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
More results

Similar Description - 89HPES12T3G2ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
   24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
   16-Lane 4-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
89HPES12N3A RENESAS-89HPES12N3A Datasheet
754Kb / 32P
   12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12N3 RENESAS-89HPES12N3 Datasheet
724Kb / 29P
   12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
   6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com