Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES12T3G2ZABCG Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 89HPES12T3G2ZABCG
Description  12-Lane 3-Port Gen2 PCI Express Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES12T3G2ZABCG Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 89HPES12T3G2ZABCG Datasheet HTML 13Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 14Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 15Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 16Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 17Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 18Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 19Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 20Page - Integrated Device Technology 89HPES12T3G2ZABCG Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
17 of 31
September 4, 2007
IDT 89HPES12T3G2 Data Sheet
Serial Link
(cont.)
PCIe Receive
VRX-DIFFp-p
Differential input voltage (peak-
to-peak)
175
1200
120
1200
mV
RLRX-DIFF
Receiver Differential Return
Loss
10
10dB:
0.05 -
1.25GHz
8dB:
1.25 -
2.5GHz
dB
RLRX-CM
Receiver Common Mode Return
Loss
66
dB
ZRX-DIFF-DC
Differential input impedance
(DC)
80
100
120
Refer to return loss spec
Ω
ZRX--DC
DC common mode impedance
40
50
60
40
60
Ω
ZRX-COMM-DC
Powered down input common
mode impedance (DC)
200k
350k
50k
Ω
ZRX-HIGH-IMP-
DC-POS
DC input CM input impedance
for V>0 during reset or power
down
50k
50k
Ω
ZRX-HIGH-IMP-
DC-NEG
DC input CM input impedance
for V<0 during reset or power
down
1.0k
1.0k
Ω
VRX-IDLE-DET-
DIFFp-p
Electrical idle detect threshold
65
175
65
175
mV
VRX-CM-ACp
Receiver AC common-mode
peak voltage
150
150
mV
VRX-CM-ACp
PCIe REFCLK
CIN
Input Capacitance
1.5
1.5
pF
Other I/Os
LOW Drive
Output
IOL
—2.5
2.5
mA
VOL = 0.4v
IOH
—-5.5
—-5.5
mA
VOH = 1.5V
High Drive
Output
IOL
12.0
12.0
mA
VOL = 0.4v
IOH
-20.0
-20.0
mA
VOH = 1.5V
Schmitt
Trigger
Input (STI)
VIL
-0.3
0.8
-0.3
0.8
V
VIH
2.0
VDDI/O
+ 0.5
2.0
VDDI/O +
0.5
V—
Input
VIL
-0.3
0.8
-0.3
0.8
V
VIH
2.0
VDDI/O
+ 0.5
2.0
VDDI/O +
0.5
V—
I/O Type Parameter
Description
Gen 1
Gen 2
Unit
Condi-
tions
Min1
Typ1 Max1 Min1
Typ1
Max1
Table 17 DC Electrical Characteristics (Part 2 of 3)


Similar Part No. - 89HPES12T3G2ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
More results

Similar Description - 89HPES12T3G2ZABCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
   12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
   24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
   16-Lane 4-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
89HPES12N3A RENESAS-89HPES12N3A Datasheet
754Kb / 32P
   12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12N3 RENESAS-89HPES12N3 Datasheet
724Kb / 29P
   12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
   6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
   16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com