Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS557G-06LF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS557G-06LF
Description  1 TO 4 HCSL CLOCK BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557G-06LF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS557G-06LF Datasheet HTML 3Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 4Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 5Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 6Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 7Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 8Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 9Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 10Page - Integrated Device Technology ICS557G-06LF Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ICS557-06
1 TO 4 HCSL CLOCK BUFFER
PCIE FAN OUT BUFFER
IDT™ / ICS™ 1 TO 4 HCSL CLOCK BUFFER
9
ICS557-06
REV F 090407
Thermal Characteristics
Marking Diagrams
(ICS557G-06)
(ICS557G-06LF)
(ICS557GI-06LF)
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week number that the part was assembled.
3. “LF” denotes Pb free package.
4. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
93
° C/W
θJA
1 m/s air flow
78
° C/W
θJA
3 m/s air flow
65
° C/W
Thermal Resistance Junction to Case
θJC
20
° C/W
10
20
11
######
YYWW
557G-06
ICS
1
10
20
11
######
YYWW
557G06LF
ICS
1
10
20
11
######
YYWW
557GI06LF
ICS
1


Similar Part No. - ICS557G-06LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557G-06LF ICST-ICS557G-06LF Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
ICS557G-06LFT ICST-ICS557G-06LFT Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
More results

Similar Description - ICS557G-06LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C557-06 PERICOM-PI6C557-06 Datasheet
844Kb / 8P
   1:4 HCSL PCIe Buffer
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
   PCI Express 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
   PCI Express 3.0 1:8 HCSL Clock Buffer
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com