Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICSSSTUAH32868A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICSSSTUAH32868A
Description  28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICSSSTUAH32868A Datasheet(HTML) 1 Page - Integrated Device Technology

  ICSSSTUAH32868A Datasheet HTML 1Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 2Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 3Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 4Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 5Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 6Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 7Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 8Page - Integrated Device Technology ICSSSTUAH32868A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DATASHEET
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAH32868A
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
1
ICSSSTUAH32868A
7115/9
Description
This 28-bit 1:2 configurable registered buffer is designed for
1.7V to 1.9V VDD operation. All inputs are compatible with
the JEDEC standard for SSTL_18, except the chip-select
gate-enable (CSGEN), control (C), and reset (RESET)
inputs, which are LVCMOS. All outputs are edge-controlled
circuits optimized for unterminated DIMM loads, and meet
SSTL_18 specifications, except the open-drain error
(QERR) output.
The ICSSSTUAH32868A operates from a differential clock
(CLK and CLK). Data are registered at the crossing of CLK
going high and CLK going low. The device supports
low-power standby operation. When RESET is low, the
differential input receivers are disabled, and undriven
(floating) data, clock, and reference voltage (Vref) inputs
are allowed. In addition, when RESET is low, all registers
are reset and all outputs are forced low except QERR. The
LVCMOS RESET and C inputs must always be held at a
valid logic high or low level. To ensure defined outputs from
the register before a stable clock has been supplied,
RESET must be held in the low state during power up. In
the DDR2 RDIMM application, RESET is specified to be
completely asynchronous with respect to CLK and CLK.
Therefore, no timing relationship can be ensured between
the two. When entering reset, the register will be cleared
and the data outputs will be driven low quickly, relative to
the time to disable the differential input receivers. However,
when coming out of reset, the register will become active
quickly, relative to the time to enable the differential input
receivers. As long as the data inputs are low, and the clock
is stable during the time from the low-to-high transition of
RESET until the input receivers are fully enabled, the
design of the ICSSSTUAH32868A must ensure that the
outputs will remain low, thus ensuring no glitches on the
output.
The ICSSSTUAH32868A includes a parity checking
function. Parity, which arrives one cycle after the data input
to which it applies, is checked on the PAR_IN input of the
device. The corresponding QERR output signal for the data
inputs is generated two clock cycles after the data, to which
the QERR signal applies, is registered. The
ICSSSTUAH32868A accepts a parity bit from the memory
controller on the parity bit (PAR_IN) input, compares it with
the data received on the DIMM-independent D-inputs
(D1-D5, D7, D9-D12, D17-D28 when C = 0; or D1-D12,
D17-D20, D22, D24-D28 when C = 1) and indicates
whether a parity error has occurred on the open-drain
QERR pin (active low). The convention is even parity, i.e.,
valid parity is defined as an even number of ones across the
DIMM-independent data inputs combined with the parity
input bit. To calculate parity, all DIMM-independent D-inputs
must be tied to a known logic state. If an error occurs and
the QERR output is driven low, it stays latched low for a
minimum of two clock cycles or until RESET is driven low. If
two or more consecutive parity errors occur, the QERR
output is driven low and latched low for a clock duration
equal to the parity error duration or until RESET is driven
low. If a parity error occurs on the clock cycle before the
device enters the low-power (LPM) and the QERR output is
driven low, then it stays lateched low for the LPM duration
plus two clock cycles or until RESET is driven low. The
DIMM-dependent signals (DCKE0, DCKE1, DODT0,
DODT1, DCS0 and DCS1) are not included in the parity
check computation.
The C input controls the pinout configuration from
register-A configuration (when low) to register-B
configuration (when high). The C input should not be
switched during normal operation. It should be hardwired to
a valid low or high level to configure the register in the
desired mode. The device also supports low-power active
operation by monitoring both system chip select (DCS0 and
DCS1) and CSGEN inputs and will gate the Qn outputs
from changing states when CSGEN, DCS0, and DCS1
inputs are high. If CSGEN, DCS0 orDCS1 input is low, the
Qn outputs will function normally. Also, if both DCS0 and
DCS1 inputs are high, the device will gate the QERR output
from changing states. If either DCS0 orDCS1 is low, the
QERR output will function normally. The RESET input has
priority over the DCS0 and DCS1 control and when driven
low will force the Qn outputs low, and the QERR output
high. If the chip-select control functionality is not desired,
then the CSGEN input can be hard-wired to ground, in
which case, the setup-time requirement for DCS0 and
DCS1 would be the same as for the other D data inputs. To
control the low-power mode with DCS0 and DCS1 only,
then the CSGEN input should be pulled up to Vdd through a
pullup resistor. The two VREF pins (A1 and V1) are
connected together internally by approximately 150.
However, it is necessary to connect only one of the two
VREF pins to the external VREF power supply. An unused
VREF pin should be terminated with a VREF coupling
capacitor.


Similar Part No. - ICSSSTUAH32868A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAH32865AHLFT IDT-ICSSSTUAH32865AHLFT Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
More results

Similar Description - ICSSSTUAH32868A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAF32868A IDT-ICSSSTUAF32868A Datasheet
538Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32868B IDT-ICSSSTUAF32868B Datasheet
539Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32868A RENESAS-IDT74SSTUBF32868A Datasheet
831Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
IDT74SSTUBH32868A RENESAS-IDT74SSTUBH32868A Datasheet
739Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Device Techn...
IDT74SSTUBH32868A IDT-IDT74SSTUBH32868A Datasheet
524Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUAF32865A RENESAS-ICSSSTUAF32865A Datasheet
676Kb / 17P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
ICSSSTUAF32868A RENESAS-ICSSSTUAF32868A Datasheet
686Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 CONFIDENTIAL
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com