Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2305B-1HDCI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT2305B-1HDCI
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305B-1HDCI Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT2305B-1HDCI Datasheet HTML 1Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 2Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 3Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 4Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 5Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 6Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 7Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 8Page - Integrated Device Technology IDT2305B-1HDCI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305B
3.3VZERODELAYCLOCKBUFFER
Symbol
Parameter
Min.
Max.
Unit
VDD
SupplyVoltage
3
3.6
V
TA
OperatingTemperature(AmbientTemperature)
-40
+85
°C
CL
Load Capacitance < 100MHz
30
pF
Load Capacitance 100MHz - 133MHz
10
CIN
InputCapacitance
7
pF
OPERATING CONDITIONS - INDUSTRIAL
SWITCHING CHARACTERISTICS (2305B-1H) - COMMERCIAL
(1,2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
t1
OutputFrequency
10pFLoad
10
133
MHz
30pFLoad
10
100
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT = 66.66MHz
40
50
60
%
Duty Cycle = t2
÷ t1
Measured at 1.4V, FOUT <50MHz
45
50
55
%
t3
Rise Time
Measured between 0.8V and 2V
1.5
ns
t4
FallTime
Measured between 0.8V and 2V
1.5
ns
t5
Output to Output Skew
Alloutputsequallyloaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device-to-Device Skew
Measured at VDD/2 on the CLKOUT pins of devices
0
700
ps
t8
Output Slew Rate
Measured between 0.8V and 2V using Test Circuit #2
1
V/ns
tJ
Cycle-to-Cycle Jitter, pk - pk
Measured at 66.66MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented on REF pin
1
ms
NOTES:
1. REF Input has a threshold voltage of VDD/2.
2. All parameters specified with loaded outputs.
DC ELECTRICAL CHARACTERISTICS - INDUSTRIAL
Symbol
Parameter
Conditions
Min.
Max.
Unit
VIL
InputLOWVoltageLevel
0.8
V
VIH
Input HIGH Voltage Level
2
V
IIL
InputLOWCurrent
VIN = 0V
50
μA
IIH
Input HIGH Current
VIN = VDD
—100
μA
VOL
OutputLOWVoltage
StandardDrive
IOL = 8mA
0.4
V
High Drive
IOL = 12mA (-1H)
VOH
Output HIGH Voltage
StandardDrive
IOH = -8mA
2.4
V
High Drive
IOH = -12mA (-1H)
IDD_PD
Power Down Current
REF = 0MHz
25
μA
IDD
SupplyCurrent
UnloadedOutputsat 66.66MHz
35
mA


Similar Part No. - IDT2305B-1HDCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2305B-1HDCG RENESAS-IDT2305B-1HDCG Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
IDT2305B-1HDCGI RENESAS-IDT2305B-1HDCGI Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
More results

Similar Description - IDT2305B-1HDCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com