Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS889872AK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS889872AK
Description  DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS889872AK Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS889872AK Datasheet HTML 1Page - Integrated Device Technology ICS889872AK Datasheet HTML 2Page - Integrated Device Technology ICS889872AK Datasheet HTML 3Page - Integrated Device Technology ICS889872AK Datasheet HTML 4Page - Integrated Device Technology ICS889872AK Datasheet HTML 5Page - Integrated Device Technology ICS889872AK Datasheet HTML 6Page - Integrated Device Technology ICS889872AK Datasheet HTML 7Page - Integrated Device Technology ICS889872AK Datasheet HTML 8Page - Integrated Device Technology ICS889872AK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ICS889872
DIFFERENTIAL-TO-LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
PRELIMINARY
IDT™ / ICS™ LVDS BUFFER/DIVIDER W/INTERNAL TERMINATION
5
ICS889872AK REV. A AUGUST 22, 2007
Table 4C. Differential DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
Table 4D. LVDS DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
All parameters characterized at
≤ 1GHz unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Specs are design targets.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at the output differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 6: The cycle-to-cycle jitter on the input will equal the jitter on the output. The part does not add jitter.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RIN
Differential Input Resistance
(IN, nIN)
100
VIH
Input High Voltage
(IN, nIN)
1.2
VDD
V
VIL
Input Low Voltage
(IN, nIN)
0
VDD – 0.15
V
VIN
Input Voltage Swing
0.15
2.8
V
VDIFF_IN
Differential Input Voltage Swing
0.3
V
IIN
Input Current
(IN, nIN)
45
mA
VREF_AC
Bias Voltage
VDD – 1.35
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOUT
Output Voltage Swing
350
mV
VOH
Output High Voltage
1.475
V
VOL
Output Low Voltage
0.925
V
VCCM
Output Common Mode Voltage
1.35
V
∆V
OCM
Change in Common Mode Voltage
50
mV
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
÷2, ÷4
>2
GHz
Input Frequency
÷8, ÷16
>1.6
GHz
tPD
Propagation Delay;
NOTE 1, 2
IN-to-Q
Input Swing: <400mV
750
ps
Input Swing:
≥400mV
750
ps
tsk(o)
Output Skew;
NOTE 2, 3, 4
QB0-to-QB1
7
ps
QA-to-QB
60
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4, 5
250
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 2, 6
1
ps
tjit(j)
Total Jitter; NOTE 2
10
ps
tRR
Reset Recovery Time; NOTE 2
600
ps
tR / tF
Output Rise/Fall Time; NOTE 2
150
ps


Similar Part No. - ICS889872AK

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS889874 ICST-ICS889874 Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AK ICST-ICS889874AK Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
ICS889874AKT ICST-ICS889874AKT Datasheet
162Kb / 14P
   DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
More results

Similar Description - ICS889872AK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8S89875I RENESAS-8S89875I Datasheet
621Kb / 17P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
8S89876I RENESAS-8S89876I Datasheet
591Kb / 16P
   Differential-to-LVDS Buffer/Divider w/Internal Termination
January 11, 2018
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
IDT8S89872I RENESAS-IDT8S89872I Datasheet
578Kb / 17P
   Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
logo
Integrated Device Techn...
8S89833 IDT-8S89833 Datasheet
322Kb / 17P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
logo
Renesas Technology Corp
8S89833 RENESAS-8S89833 Datasheet
666Kb / 16P
   Low Skew, 1-To-4 Differential-To-LVDS Fanout Buffer w/Internal Termination
September 22, 2017
logo
Integrated Device Techn...
8S89875I IDT-8S89875I Datasheet
354Kb / 16P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Micrel Semiconductor
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
logo
Integrated Device Techn...
8S89876I IDT-8S89876I Datasheet
335Kb / 15P
   Different ial-to-LVDS Buffer/Divider w/Internal Terminat ion
logo
Renesas Technology Corp
ICS854S1208I RENESAS-ICS854S1208I Datasheet
1Mb / 20P
   Differential-to-LVDS Fanout Buffer w/Divider and Glitchless Switch
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com