Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5345-CQZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5345-CQZ
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345-CQZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS5345-CQZ Datasheet HTML 1Page - Cirrus Logic CS5345-CQZ Datasheet HTML 2Page - Cirrus Logic CS5345-CQZ Datasheet HTML 3Page - Cirrus Logic CS5345-CQZ Datasheet HTML 4Page - Cirrus Logic CS5345-CQZ Datasheet HTML 5Page - Cirrus Logic CS5345-CQZ Datasheet HTML 6Page - Cirrus Logic CS5345-CQZ Datasheet HTML 7Page - Cirrus Logic CS5345-CQZ Datasheet HTML 8Page - Cirrus Logic CS5345-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
104 dB, 24-Bit, 192 kHz Stereo Audio ADC
A/D Features
Multi-Bit Delta Sigma Modulator
104 dB Dynamic Range
-95 dB THD+N
Stereo 6:1 Input Multiplexer
Programmable Gain Amplifier (PGA)
– ± 12 dB Gain, 0.5 dB Step Size
– Zero Crossing, Click-Free Transitions
Stereo Microphone Inputs
– +32 dB Gain Stage
– Low-Noise Bias Supply
Up to 192 kHz Sampling Rates
Selectable Serial Audio Interface Formats
– Left-Justified up to 24-bit
– I²S up to 24-bit
High-Pass Filter or DC Offset Calibration
System Features
Power-Down Mode
+3.3 V to +5 V Analog Power Supply, Nominal
+3.3 V to +5 V Digital Power Supply, Nominal
Direct Interface with 1.8 V to 5 V Logic Levels
Pin-Compatible with CS4245
General Description
The CS5345 integrates an analog multiplexer, program-
mable gain amplifier, and stereo audio analog-to-digital
converter. The CS5345 performs stereo analog-to-digi-
tal (A/D) conversion of up to 24-bit serial values at
sample rates up to 192 kHz.
A 6:1 stereo input multiplexer is included for selecting
between line-level and microphone-level inputs. The
microphone input path includes a +32 dB gain stage
and a low-noise bias voltage supply. The PGA is avail-
able for line or microphone inputs and provides
gain/attenuation of ± 12 dB in 0.5 dB steps.
The output of the PGA is followed by an advanced 5th-
order, multi-bit delta sigma modulator and digital filter-
ing/decimation. Sampled data is transmitted by the
serial audio interface at rates from 4 kHz to 192 kHz in
either Slave or Master Mode.
Integrated level translators allow easy interfacing be-
tween the CS5345 and other devices operating over a
wide range of logic levels.
The CS5345 is available in a 48-pin LQFP package in
Commercial (-10° to +70° C) and Automotive (-40° to
+105° C) grade. The CDB5345 Customer Demonstra-
tion board is also available for device evaluation and
implementation suggestions. Please refer to “Ordering
Information” on page 41 for complete details.
1.8 V to 5 V
Low-Latency
Anti-Alias Filter
Internal Voltage
Reference
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Low-Latency
Anti-Alias Filter
High Pass
Filter
High Pass
Filter
Stereo Input 1
Serial
Audio
Output
3.3 V to 5 V
3.3 V to 5 V
MUX
PGA
Register Configuration
Left PGA Output
Right PGA Output
Stereo Input 2
Stereo Input 3
Stereo Input 4 /
Mic Input 1 & 2
Stereo Input 5
Stereo Input 6
PGA
+32 dB
+32 dB
Reset
I²C/SPI
Control Data
Interrupt
Overflow
AUGUST '07
DS658F2
CS5345


Similar Part No. - CS5345-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5345-COZ CIRRUS-CS5345-COZ Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
More results

Similar Description - CS5345-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS5345 CIRRUS-CS5345 Datasheet
697Kb / 39P
   105 DB 24BIT 192 KHZ STEREO AUDIO ADC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com