Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5101A-BL8 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5101A-BL8
Description  16-bit, 100 kSps / 20 kSps A/D Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5101A-BL8 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5101A-BL8 Datasheet HTML 4Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 5Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 6Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 7Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 8Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 9Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 10Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 11Page - Cirrus Logic CS5101A-BL8 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
CS5101A CS5102A
8
DS45F6
ANALOG CHARACTERISTICS, CS5102A (Continued)
Notes: 17. Conversion time scales directly to the master clock speed. The times shown are for synchronous, internal loopback
(FRN) mode. In PDT, RBT, and SSC modes, asynchronous delay between the falling edge of
HOLD and the start
of conversion may add to the apparent conversion time. This delay will not exceed 1 master clock cycle + 140 ns.
18. The CS5102A requires 6 clock cycles of coarse charge, followed by a minimum of 5.625
µs of fine charge. FRN
mode allows 9 cycles for fine charge which provides for the minimum 5.625
µs with a 1.6 MHz clock, however; in
PDT, RBT, or SSC modes and at clock frequencies of less than 1.6 MHz, fine charge may be less than 9 clock
cycles.
19. Throughput is the sum of the acquisition and conversion times. It will vary in accordance with conditions affecting
acquisition and conversion times, as described above.
20. All outputs unloaded. All inputs at VD+ or DGND. See table below for power dissipation versus clock frequency.
21. With 300 mV p-p, 1-kHz ripple applied to each supply separately in the bipolar mode. Rejection improves by 6 dB
in the unipolar mode to 90 dB. Figure 25 shows a plot of typical power supply rejection versus frequency.
Parameter*
Symbol
CS5102A-J
CS5102-B
Unit
Min
Typ
Max
Min
Typ
Max
Specified Temperature Range
-
0 to +70
-40 to +85
ºC
Analog Input
Aperture Time
-
-
30
-
-
30
-
ns
Aperture Jitter
-
-
100
-
-
100
-
ps
Input Capacitance
(Note 5)
Unipolar Mode
Bipolar Mode
-
-
-
-
320
200
425
265
-
-
320
200
425
265
pF
pF
Conversion and Throughput
Conversion Time
(Note 17)
tc
-
-
40.625
-
-
40.625
µs
Acquisition Time
(Note 18)
ta
-
-
9.375
-
-
9.375
µs
Throughput
(Note 19)
ftp
20
-
-
20
-
-
kSps
Power Supplies
Power Supply Current
(Note 20)
Positive Analog
Negative Analog
(SLEEP High)
Positive Digital
Negative Digital
IA+
IA-
ID+
ID-
-
-
-
-
2.4
-2.4
2.5
-1.5
3.5
-3.5
3.5
-2.5
-
-
-
-
2.4
-2.4
2.5
-1.5
3.5
-3.5
3.5
-2.5
mA
mA
mA
mA
Power Consumption
(Note 10, Note 20)
(SLEEP High)
(SLEEP Low)
Pdo
Pds
-
-
44
1
65
-
-
-
44
1
65
-
mW
mW
Power Supply Rejection
(Note 21)
Positive Supplies
Negative Supplies
PSR
PSR
-
-
84
84
-
-
-
-
84
84
-
-
dB
dB
Typical Power (mW)
CLKIN (MHz)
34
0.8
37
1.0
39
1.2
41
1.4
44
1.6


Similar Part No. - CS5101A-BL8

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5101A-BL8 CIRRUS-CS5101A-BL8 Datasheet
466Kb / 40P
   16-Bit, 100kHz/ 20kHz A/D Converters
More results

Similar Description - CS5101A-BL8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD976ARZ AD-AD976ARZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ANZ AD-AD976ANZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976 AD-AD976_15 Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRSZ AD-AD976ABRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976CNZ AD-AD976CNZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976BRSZ AD-AD976BRSZ Datasheet
164Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ARZRL AD-AD976ARZRL Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com