Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4955-CQZ Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4955-CQZ
Description  NTSC/PAL Digital Video Encoder
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4955-CQZ Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4955-CQZ Datasheet HTML 38Page - Cirrus Logic CS4955-CQZ Datasheet HTML 39Page - Cirrus Logic CS4955-CQZ Datasheet HTML 40Page - Cirrus Logic CS4955-CQZ Datasheet HTML 41Page - Cirrus Logic CS4955-CQZ Datasheet HTML 42Page - Cirrus Logic CS4955-CQZ Datasheet HTML 43Page - Cirrus Logic CS4955-CQZ Datasheet HTML 44Page - Cirrus Logic CS4955-CQZ Datasheet HTML 45Page - Cirrus Logic CS4955-CQZ Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
CS4954 CS4955
42
DS278F6
Control Register 5
Address
0
×05
CONTROL_5
Read/Write
Default Value = 00h
Control Register 6
Address
0
×06
CONTROL_6
Read/Write
Default Value = 00h
Bit Number
76
54
321
0
Bit Name
RSVD
LOW IMP
EN COM
EN LEN CEN REN GEN B
Default
00
00
000
0
Bit
Mnemonic
Function
7-
reserved
6LOW IMP
selects between tri-state output (0) or output enabled (1) mode of DACs
5EN COM
enable composite (CVBS) DAC 0: high-impedance, 1: enable
4EN L
enable S-VIDEO Y DAC for luma output 0: high-impedance, 1: enable
3EN C
enable S-VIDEO C DAC for chroma output 0: high-impedance, 1: enable
2EN_R
enable RGB video R DAC for red output 0: high-impedance, 1: enable
1EN_G
enable RGB video G DAC for green output 0: high-impedance, 1: enable
0EN_B
enable RGB video B DAC for blue output 0: high-impedance, 1: enable
Bit Number
76543210
Bit Name
656 SYNC
OUT
CLIP OFF
TTXEN
COM2
TTXEN
COM1
TTXEN
SVID
BSYNC DIS GSYNC DIS RSYNC DIS
Default
00000000
Bit
Mnemonic
Function
7
656 SYNC OUT
Enable (=1) output of hsync and vsync when in ITU R.BT656 mode
6CLIP OFF
Clipping input signals disable (0: clipping active 1: no clipping)
5
TTXEN COM2
Enable teletext at the composite 2 output (0: disable teletext, 1 : enable teletext)
4
TTXEN COM1
Enable teletext at the composite 1 output ( 0: disable teletext, 1 : enable teletext)
3
TTXEN SVID
Enable teletext at the s-video output ( 0: disable teletext, 1: enable teletext)
2
BSYNC DIS
Disable syncs in the blue or v output (0: enable syncs, 1: disable syncs)
1GSYNC DIS
Disable syncs in the green or u output ( 0: enable syncs, 1: disable syncs)
0
RSYNC DIS
Disable syncs in the red or y output (0: enable syncs, 1: disable syncs)


Similar Part No. - CS4955-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4955-CQ CIRRUS-CS4955-CQ Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - CS4955-CQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com