Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4955 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4955
Description  NTSC/PAL Digital Video Encoder
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4955 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4955 Datasheet HTML 37Page - Cirrus Logic CS4955 Datasheet HTML 38Page - Cirrus Logic CS4955 Datasheet HTML 39Page - Cirrus Logic CS4955 Datasheet HTML 40Page - Cirrus Logic CS4955 Datasheet HTML 41Page - Cirrus Logic CS4955 Datasheet HTML 42Page - Cirrus Logic CS4955 Datasheet HTML 43Page - Cirrus Logic CS4955 Datasheet HTML 44Page - Cirrus Logic CS4955 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
CS4954 CS4955
DS278F6
41
Control Register 3
Address
0
×03
CONTROL_3
Read/Write
Default Value = 00h
Control Register 4
Address
0
×04
CONTROL_4
Read/Write
Default Value = 3Fh
NOTE: 1. The FIELD pin (pin 9) remains an output pin in SLAVE mode. However, the FIELD pin state does not
toggle in SLAVE mode and its output state should be considered random.
Bit Number
7
654
3210
Bit Name
RESERVED
FD THR C1 FD THR C2 FD THR SV FD THR EN
CBAR
Default
0
000
0000
Bit
Mnemonic
Function
7:5
-
reserved
4FD THR C1
feedthrough enabled for composite 1 output (0 = off, 1 = on)
3FD THR C2
feedthrough enabled for composite 2 output (0 = off, 1 = on)
2FD THR SV
feedthrough enabled for s-video (on luma signal) (0 = off, 1 = on)
1FD THR_EN
Enable (1 = enable) input to feed through during inactive lines
0
CBAR
internal color bar generator (0 = off, 1 = on)
Bit Number
7
6
5
4
3
210
Bit Name
CB_H_SEL
CB_FLD_SEL(1) COMDAC_PD SVIDLUM_PD SVIDCHR_PD
R_PD
G_PD
B_PD
Default
0
0
1
1
1
111
Bit
Mnemonic
Function
7
CB_H_SEL
Composite Blank / HSYNC output select (1 = CB select, 0 = HSYNC select)
6
CB_FLD_SEL
Composite Blank / FIELD output select (1 = CB select, 0 = FIELD select)(1)
5
COMDAC_PD
power down composite DAC
0: power up, 1: power down
4
SVIDLUM_PD
power down luma s-video DAC
0: power up, 1: power down
3
SVIDCHR_PD
power down chroma s-video DAC
0: power up, 1: power down
2R_PD
power down red rgb video DAC
0: power up, 1: power down
1G_PD
power down green rgb video DAC
0: power up, 1: power down
0B_PD
power down blue rgb video DAC
0: power up, 1: power down


Similar Part No. - CS4955

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4955 CIRRUS-CS4955 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
CS4955-CQ CIRRUS-CS4955-CQ Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - CS4955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com