Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4955 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4955
Description  NTSC/PAL Digital Video Encoder
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4955 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4955 Datasheet HTML 31Page - Cirrus Logic CS4955 Datasheet HTML 32Page - Cirrus Logic CS4955 Datasheet HTML 33Page - Cirrus Logic CS4955 Datasheet HTML 34Page - Cirrus Logic CS4955 Datasheet HTML 35Page - Cirrus Logic CS4955 Datasheet HTML 36Page - Cirrus Logic CS4955 Datasheet HTML 37Page - Cirrus Logic CS4955 Datasheet HTML 38Page - Cirrus Logic CS4955 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
CS4954 CS4955
DS278F6
35
must be tied to ground. PDAT [7:0] are available to
be used for GPIO operation in I²C host interface
mode. For 3.3 V operation it is necessary to have
the appropriate level shifting for I²C signals.
8.1.2 8-bit Parallel Interface
The CS4954/5 is equipped with a full 8-bit parallel
microprocessor write and read control port. Along
with the PDAT [7:0] pins, the control port interface
is comprised of host read (RD) and host write (WR)
active low strobes and host address enable
(ADDR), which, when low, enables unique address
register accesses. The control port is used to access
internal registers which configure the CS4954/5 for
various modes of operation. The internal registers
are uniquely addressed via an address register. The
address register is accessed during a host write cy-
cle when the WR and ADDR pins set low. Host
write cycles with ADDR set high will write 8-bit
data to the PDAT [7:0] pins into the register cur-
rently selected by the address register. Likewise
read cycles occuring with RD set low and ADDR
set high will return the register contents selected by
the address register. Reference the detailed electri-
cal timing parameter section of this data sheet for
exact host parallel interface timing characteristics
and specifications.
SDA
SCL
A
P
Start
Address
1-7
R/W
8
9
ACK
1-7
Data
89
1-7
8
9
ACK
Data ACK
Stop
Note: I²C transfers data always with MSB first, LSB last
Figure 26. I²C Protocol
Trec
Trec
WR
RD
Figure 27. 8-bit Parallel Host Port Timing: Read-Write/Write-Read Cycle


Similar Part No. - CS4955

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4955 CIRRUS-CS4955 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
CS4955-CQ CIRRUS-CS4955-CQ Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - CS4955

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com