Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89228UMG Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89228UMG
Description  1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89228UMG Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89228UMG Datasheet HTML 4Page - Micrel Semiconductor SY89228UMG Datasheet HTML 5Page - Micrel Semiconductor SY89228UMG Datasheet HTML 6Page - Micrel Semiconductor SY89228UMG Datasheet HTML 7Page - Micrel Semiconductor SY89228UMG Datasheet HTML 8Page - Micrel Semiconductor SY89228UMG Datasheet HTML 9Page - Micrel Semiconductor SY89228UMG Datasheet HTML 10Page - Micrel Semiconductor SY89228UMG Datasheet HTML 11Page - Micrel Semiconductor SY89228UMG Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel, Inc.
SY89228U
August 2007
M9999-080707-A
hbwhelp@micrel.com or (408) 955-1690
8
Timing Diagrams
Figure 1a. Propagation Delay
Figure 1b. Fail-Safe Feature


Similar Part No. - SY89228UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89228UMGTR MICREL-SY89228UMGTR Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
More results

Similar Description - SY89228UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U Datasheet
465Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com