Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2043B-10 Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # S2043B-10
Description  HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2043B-10 Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button S2043B-10 Datasheet HTML 6Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 7Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 8Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 10Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 11Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 12Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 13Page - Applied Micro Circuits Corporation S2043B-10 Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Applied Micro Circuits Corporation
6195 Lusk Blvd., San Diego, CA 92121 • (619) 450-9333
10
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
S2042/S2043
1
2
3
4
5
6
7
8
9
10
11
39
38
37
36
35
34
33
32
31
30
29
S2043
28
27
ECLVCC
D15
D14
TTLVCC
D13
D12
TTLGND
D11
D10
REFSEL
D9
D8
ECLVCC
12
13
ECLVEE
REFCLK
SYNCEN
DWS
AVEE
AVEE
AVCC
LPEN
RX
RY
RLX
RLY
ECLVCC
1
2
3
4
5
6
7
8
9
10
11
39
38
37
36
35
34
33
32
31
30
29
S2042
28
27
ECLVCC
D11
D10
D9
D8
ECLVEE
AVEE
AVCC
D7
D6
D5
D4
AVCC
12
13
OE1
OE0
ECLIOVCC
TLY
TLX
ECLIOVEE
ECLIOVEE
TX
TY
ECLIOVCC
TCLKN
TCLK
ECLVEE
TOP VIEW
TOP VIEW
Figure 7. 52 PQFP Pinouts
TTLVCC= +5V or +3.3V
AVCC=
+3.3V
ECLVCC= +3.3V
ECLIOVCC = +3.3V
ECLIOVEE = 0V
TTLGND= 0V
ECLVEE= 0V
AVEE=
0V


Similar Part No. - S2043B-10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2040 MICROSEMI-S2040 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S2040 MICROSEMI-S2040 Datasheet
148Kb / 2P
   SILICON POWER RECTIFIER
S2040 MICROSEMI-S2040 Datasheet
143Kb / 2P
   Silicon Power Rectifier
logo
Teccor Electronics
S2040N TECCOR-S2040N Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S2040N LITTELFUSE-S2040N Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
More results

Similar Description - S2043B-10

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
   High Performance Serial Backplane Transceiver
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
Macronix International
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
   42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
   High-speed differential serial interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com