Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4382A-CQZR Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4382A-CQZR
Description  114 dB, 192 kHz 8-Channel D/A Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4382A-CQZR Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4382A-CQZR Datasheet HTML 5Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 6Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 7Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 8Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 9Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 10Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 11Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 12Page - Cirrus Logic CS4382A-CQZR Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
DS618PP2
9
CS4382A
DAC ANALOG CHARACTERISTICS
Full-Scale Output Sine Wave, 997 Hz (Note 1); Fs = 48/96/192 kHz; Test load RL = 3 kΩ, CL = 100 pF; Measure-
ment Bandwidth 10 Hz to 20 kHz, unless otherwise specified.
Notes:
1.
One-half LSB of triangular PDF dither is added to data.
2.
Performance limited by 16-bit quantization noise.
Parameters
Symbol
Min
Typ
Max
Unit
CS4382A-CQZ Dynamic Performance - All PCM Modes and DSD
Specified Temperature Range
TA
-10
-
70
°C
Dynamic Range
24-bit
A-weighted
unweighted
16-bit
A-weighted
(Note 2) unweighted
108
105
-
-
114
111
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
24-bit
0 dB
-20 dB
-60 dB
(Note 2) 16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-94
-
-45
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
-
114
-
dB
CS4382A-DQZ Dynamic Performance - All PCM Modes and DSD
Specified Temperature Range
TA
-40
-
85
°C
Dynamic Range (Note 1)
24-bit
A-weighted
unweighted
16-bit
A-weighted
(Note 2) unweighted
105
102
-
-
114
111
97
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
24-bit
0 dB
-20 dB
-60 dB
(Note 2) 16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-100
-91
-51
-94
-74
-34
-91
-
-42
-
-
-
dB
dB
dB
dB
dB
dB
Idle Channel Noise / Signal-to-noise ratio
-
114
-
dB


Similar Part No. - CS4382A-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A-CQZR CIRRUS-CS4382A-CQZR Datasheet
1,023Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Similar Description - CS4382A-CQZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
   114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com