Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4352-CZZR Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4352-CZZR
Description  192 kHz Stereo DAC with 2 Vrms Line Out
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352-CZZR Datasheet(HTML) 1 Page - Cirrus Logic

  CS4352-CZZR Datasheet HTML 1Page - Cirrus Logic CS4352-CZZR Datasheet HTML 2Page - Cirrus Logic CS4352-CZZR Datasheet HTML 3Page - Cirrus Logic CS4352-CZZR Datasheet HTML 4Page - Cirrus Logic CS4352-CZZR Datasheet HTML 5Page - Cirrus Logic CS4352-CZZR Datasheet HTML 6Page - Cirrus Logic CS4352-CZZR Datasheet HTML 7Page - Cirrus Logic CS4352-CZZR Datasheet HTML 8Page - Cirrus Logic CS4352-CZZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
192 kHz Stereo DAC with 2 Vrms Line Out
Features
Multi-bit Delta-Sigma Modulator
24-Bit Resolution
Supports Sample Rates up to 192 kHz
106 dB A-wt Dynamic Range
-93 dB THD+N
Integrated Line Driver
2 Vrms Output into 5 k
Ω AC Load
Analog Low-Pass Filter
Stereo Mutes with Auto-Mute Function
Low Clock-Jitter Sensitivity
Low-Latency Digital Filtering
Popguard® Technology for Control of Clicks
and Pops
Single-Ended Outputs
+3.3 V Core, +9 to 12 V Analog, and +1.5 to
3.3 V Interface Power Supplies
Low Power Consumption
20-pin TSSOP, Lead-Free Assembly
Description
The CS4352 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fifth-order multi-bit
delta-sigma digital-to-analog conversion, digital de-em-
phasis, analog filtering, and on-chip 2 Vrms line-level
driver. The advantages of this architecture include ideal
differential linearity, no distortion mechanisms due to re-
sistor matching errors, no linearity drift over time and
temperature, high tolerance to clock jitter, and a minimal
set of external components.
The CS4352 is available in a 20-pin TSSOP package in
both Commercial grade (-40°C to +85°C) and Automo-
tive grade (-40°C to +105°C). The CDB4352 Customer
Demonstration Board is also available for device evalu-
ation and implementation suggestions. Please see
“Ordering Information” on page 20 for complete details.
These features are ideal for cost-sensitive, 2-channel
audio systems including video game consoles, DVD
players, A/V receivers, set-top boxes, digital TVs and
DVD Recorders, mini-component systems, and mixing
consoles.
PCM
Serial
Interface
Interpolation
Filter
Serial Audio Input
Left and Right
Mute Controls
2 Vrms Line Level
Right Channel
Output
2 Vrms Line Level
Left Channel
Output
Reset
1.5 V to 3.3 V
Hardware
Configuration
Hardware Control
Multibit
∆Σ Modulator
3.3 V
9 V to 12 V
Interpolation
Filter
Amp
+
Filter
Amp
+
Filter
Multibit
∆Σ Modulator
Auto Speed Mode
Detect
DAC
DAC
External
Mute
Control
Internal Voltage
Reference
JUN '07
DS684F2
CS4352
Confidential Draft
6/18/07


Similar Part No. - CS4352-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
More results

Similar Description - CS4352-CZZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4351 CIRRUS-CS4351 Datasheet
1Mb / 41P
   192 kHz STEREO DAC WITH 2 Vrms LINE OUT
CS4351 CIRRUS-CS4351_05 Datasheet
807Kb / 37P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4352 CIRRUS-CS4352 Datasheet
557Kb / 19P
   192 kHz Stereo DAC with 2 Vrms Line Out
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4353 CIRRUS-CS4353_09 Datasheet
295Kb / 26P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
CS4353 CIRRUS-CS4353 Datasheet
590Kb / 28P
   3.3 V Stereo Audio DAC with 2 VRMS Line Output
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com