Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM100TL-12NF Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM100TL-12NF
Description  HIGH POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100TL-12NF Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM100TL-12NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100TL-12NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100TL-12NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100TL-12NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100TL-12NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Jun. 2004
GATE CHARGE
CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
VCC = 300V
VCC = 200V
IC = 100A
0
4
8
16
12
20
0
200
400
600
100
300
500
0
MITSUBISHI IGBT MODULES
CM100TL-12NF
HIGH POWER SWITCHING USE


Similar Part No. - CM100TL-12NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100TL-12NF MITSUBISHI-CM100TL-12NF Datasheet
106Kb / 5P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100TL-12NF MITSUBISHI-CM100TL-12NF_09 Datasheet
106Kb / 5P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM100TL-12NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24NFH MITSUBISHI-CM200DU-24NFH Datasheet
51Kb / 4P
   HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF Datasheet
56Kb / 6P
   HIGH POWER SWITCHING USE
CM400DY-24NF MITSUBISHI-CM400DY-24NF Datasheet
98Kb / 4P
   HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA Datasheet
88Kb / 4P
   HIGH POWER SWITCHING USE
CM300DU-34KA MITSUBISHI-CM300DU-34KA Datasheet
80Kb / 4P
   HIGH POWER SWITCHING USE
CM75DY-34A MITSUBISHI-CM75DY-34A Datasheet
111Kb / 5P
   HIGH POWER SWITCHING USE
CM600DU-5F MITSUBISHI-CM600DU-5F Datasheet
81Kb / 4P
   HIGH POWER SWITCHING USE
CM150RL-24NF MITSUBISHI-CM150RL-24NF Datasheet
57Kb / 6P
   HIGH POWER SWITCHING USE
CM400DU-12F MITSUBISHI-CM400DU-12F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
CM600HU-24F MITSUBISHI-CM600HU-24F Datasheet
67Kb / 4P
   HIGH POWER SWITCHING USE
CM150DU-24F MITSUBISHI-CM150DU-24F Datasheet
73Kb / 4P
   HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com