Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM50TU-34KA Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM50TU-34KA
Description  IGBT MODULES HIGH POWER SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TU-34KA Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM50TU-34KA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TU-34KA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TU-34KA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TU-34KA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sep. 2001
GuN
EuN
GvN
EvN
GwN
EwN
GuP
EuP
GvP
EvP
GwP
EwP
E
GG
G
GG
G
EE
EEE
U
V
W
P
N
CM
2.8
4
12
(4)
12
11
21.7
11
21.7
11
23
0.8
14.4
11
21.7
11
21.7
11
107
12
23
12
12
23
90 ±0.25
4–
φ5.5
MOUNTING HOLES
5–M5NUTS
LABEL
29
+1
–0.5
Tc measured point
Tc measured point
P
U
GUP
EUP
GUN
EUN
N
V
GVP
EVP
GVN
EVN
W
GWP
EWP
GWN
EWN
CIRCUIT DIAGRAM
CM50TU-34KA
APPLICATION
General purpose inverters & Servo controls, etc
MITSUBISHI IGBT MODULES
CM50TU-34KA
HIGH POWER SWITCHING USE
G IC ..................................................................... 50A
G VCES.......................................................... 1700V
G Insulated Type
G 6-elements in a pack
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
FM400TU-2A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM400TU-3A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM400TU-07A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM600TU-2A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM600TU-3A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FM600TU-07A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor
CM100DC-24NFM HIGH POWER SWITCHING USE 1  2  3  Mitsubishi Electric Semiconductor
CM800HA-50H HIGH POWER SWITCHING USE INSULATED TYPE 1  2  3  4  Mitsubishi Electric Semiconductor
FM200TU-2A HIGH POWER SWITCHING USE INSULATED PACKAGE 1  2  3  4  5  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn