Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305C-1 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2305C-1
Description  Zero Delay Buffers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305C-1 Datasheet(HTML) 10 Page - Cypress Semiconductor

  CY2305C-1 Datasheet HTML 1Page - Cypress Semiconductor CY2305C-1 Datasheet HTML 2Page - Cypress Semiconductor CY2305C-1 Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 3 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 10 of 12
Package Drawing and Dimensions
Figure 8. 8-Pin (150 Mil) SOIC S8
Figure 9. 16-Pin (150 Mil) SOIC S16
SEATING PLANE
PIN1ID
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.189[4.800]
0.196[4.978]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
1. DIMENSIONS IN INCHES[MM] MIN.
MAX.
0°~8°
0.016[0.406]
0.010[0.254]
X 45°
2. PIN 1 ID IS OPTIONAL,
ROUND ON SINGLE LEADFRAME
RECTANGULAR ON MATRIX LEADFRAME
0.004[0.102]
1
4
58
3. REFERENCE JEDEC MS-012
PART #
S08.15 STANDARD PKG.
SZ08.15 LEAD FREE PKG.
4. PACKAGE WEIGHT 0.07gms
51-85066-*C
PIN 1 ID
0°~8°
1
8
916
SEATING PLANE
0.230[5.842]
0.244[6.197]
0.157[3.987]
0.150[3.810]
0.386[9.804]
0.393[9.982]
0.050[1.270]
BSC
0.061[1.549]
0.068[1.727]
0.004[0.102]
0.0098[0.249]
0.0138[0.350]
0.0192[0.487]
0.016[0.406]
0.035[0.889]
0.0075[0.190]
0.0098[0.249]
DIMENSIONS IN INCHES[MM] MIN.
MAX.
0.016[0.406]
0.010[0.254]
X 45°
0.004[0.102]
REFERENCE JEDEC MS-012
PART #
S16.15 STANDARD PKG.
SZ16.15 LEAD FREE PKG.
PACKAGE WEIGHT 0.15gms
51-85068-*B
[+] Feedback
[+] Feedback


Similar Part No. - CY2305C-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXA-1 CYPRESS-CY2305CSXA-1 Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXA-1H CYPRESS-CY2305CSXA-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXA-1H CYPRESS-CY2305CSXA-1H Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXA-1HT CYPRESS-CY2305CSXA-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305C-1

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-06 ICST-ICS9179-06 Datasheet
496Kb / 8P
   Zero Delay Buffers
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
logo
Potato Semiconductor Co...
PO74G34A POTATO-PO74G34A_14 Datasheet
1Mb / 5P
   HEX BUFFERS/ DELAY ELEMENTS
PO74G34A POTATO-PO74G34A Datasheet
474Kb / 6P
   HEX BUFFERS/ DELAY ELEMENTS
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com