Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305C Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2305C
Description  Zero Delay Buffers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305C Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2305C Datasheet HTML 1Page - Cypress Semiconductor CY2305C Datasheet HTML 2Page - Cypress Semiconductor CY2305C Datasheet HTML 3Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 3 page
background image
CY2305C
CY2309C
Document Number: 38-07672 Rev. *H
Page 5 of 12
Switching Characteristics for CY2305CSXC-XX and CY2309CSXC-XX
Switching characteristics table for CY2305CSXC-1 and CY2309CSXC-1 Commercial Temperature Devices. All parameters are
specified with loaded outputs.
Electrical Characteristics for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX
Electrical characteristics table for CY2305CSXI-XX, CY2305CSXA-XX and CY2309CSXI-XX Industrial / Automotive-A Temperature
Devices.
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage[5]
–0.3
0.8
V
VIH
Input HIGH Voltage[5]
2.0
VDD + 0.3
V
IIL
Input LOW Current
VIN = 0V
50
μA
IIH
Input HIGH Current
VIN = VDD
–100
μA
VOL
Output LOW Voltage[6]
IOL = 8 mA (–1)
IOH =12 mA (–1H)
–0.4
V
VOH
Output HIGH Voltage[6]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode) Power down Supply Current
REF = 0 MHz
25
μA
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
–35
mA
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30 pF load
10 pF load
10
10
–100
133.33
MHz
MHz
tDC
Output Duty Cycle[6] = t2 ÷ t1 Measured at 1.4V, Fout > 50 MHz
40
50
60
%
Measured at 1.4V, Fout ≤ 50 MHz
45
50
55
%
t3
Rise Time[6]
Measured between 0.8V and 2.0V
2.25
ns
t4
Fall Time[6]
Measured between 0.8V and 2.0V
2.25
ns
t5
Output to Output Skew[6]
All outputs equally loaded
200
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge[6]
Measured at VDD/2
0
±350
ps
t6B
Delay, REF Rising Edge to
CLKOUT Rising Edge[6]
Measured at VDD/2. Measured in PLL
Bypass Mode, CY2309C device only.
15
8.7
ns
t7
Device to Device Skew[6]
Measured at VDD/2 on the CLKOUT pins
of devices
–0
700
ps
tJ
Cycle to Cycle Jitter, peak[6] Measured at 66.67 MHz, loaded outputs
50
175
ps
tLOCK
PLL Lock Time[6]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Switching characteristics table for CY2305CSXC-1H and CY2309CSXC-1H Commercial Temperature Devices. All parameters are
specified with loaded outputs.
Parameter
Name
Description
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load
10-pF load
10
10
–100
133.33
MHz
MHz
tDC
Output Duty Cycle[6] = t2 ÷ t1 Measured at 1.4V, Fout > 50 MHz
40
50
60
%
Measured at 1.4V, Fout ≤ 50 MHz
45
50
55
%
t3
Rise Time[6]
Measured between 0.8V and 2.0V
1.5
ns
t4
Fall Time[6]
Measured between 0.8V and 2.0V
1.5
ns
t5
Output to Output Skew[6]
All outputs equally loaded
200
ps
[+] Feedback
[+] Feedback


Similar Part No. - CY2305C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXA-1 CYPRESS-CY2305CSXA-1 Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXA-1H CYPRESS-CY2305CSXA-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXA-1H CYPRESS-CY2305CSXA-1H Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
CY2305CSXA-1HT CYPRESS-CY2305CSXA-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-06 ICST-ICS9179-06 Datasheet
496Kb / 8P
   Zero Delay Buffers
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
   2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
logo
Potato Semiconductor Co...
PO74G34A POTATO-PO74G34A_14 Datasheet
1Mb / 5P
   HEX BUFFERS/ DELAY ELEMENTS
PO74G34A POTATO-PO74G34A Datasheet
474Kb / 6P
   HEX BUFFERS/ DELAY ELEMENTS
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com