Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6095 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6095
Description  NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6095 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6095 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6095 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6095 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6095 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6095
No. A0411-3/4
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Ta=75
°C
--25
°C
IT11076
25
°C
0.01
3
25
0.1
73
25
7
3
25
1.0
0.1
0.01
5
3
2
7
5
3
7
2
2.0
1.6
1.2
0.8
0.4
0
2.5
2.0
1.5
0.5
1.0
0
0.2
0
0.4
0.6
0.8
1.0
IT11070
5mA
10mA
20mA
40mA
IB=0mA
2mA
1mA
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11071
5
5
3
3
2
100
10
7
7
IT11074
Ta=75
°C
--25
°C
IT11075
IC / IB=10
25
°C
3
1.0
2
3
Ta= --25°C
25°C
75°C
2
7
5
IC / IB=10
IT11077
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
3
2
5
0.01
3
25
0.1
73
25
7
2
3
1.0
5
0.01
3
25
0.1
73
25
7
2
3
1.0
7
100
10
1000
5
3
2
7
5
3
2
0.01
3
25
0.1
73
25
7
3
25
1.0
0.1
3
25
1.0
73
25
7
2
3
10
57 100
0.1
0.01
5
3
2
7
5
3
7
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
5
VCE=5V
IT11072
IT11073
IC / IB=20
VCE=10V
f=1MHz


Similar Part No. - 2SC6095

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095-TD-E ONSEMI-2SC6095-TD-E Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
More results

Similar Description - 2SC6095

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1201 SANYO-PCP1201 Datasheet
59Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com