Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1607-10RJI Datasheet(PDF) 7 Page - Welwyn Components Limited

Part # CL1607-10RJI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CL1607-10RJI Datasheet(HTML) 7 Page - Welwyn Components Limited

  CL1607-10RJI Datasheet HTML 1Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 2Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 3Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 4Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 5Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 6Page - Welwyn Components Limited CL1607-10RJI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue E · 10.05
Welwyn Components
C
1601
-
10R
J
I
Tube Size
Value (USE IEC62 code)
Ordering Procedure
Specify the full type reference, resistance value and tolerance, using IEC 62 code references.
The addition of L to the prefix describing terminal configuration indicates Ayrton-Perry winding.
Example: Electrically live ferrule terminated 1601 size at 10 ohms and 5% -
Fixed
V
Adjustable
F1%
G2%
J5%
K
10%
I
Box
Standard
Packing
Adjustable Option
Termination Style
B
AP
AW
4B
CB
C
CP
See Figures 2 to 8
Winding & Mounting Options
Tolerance (use IEC62 code)
Standard
L
Low Inductabce
F
Mounting plug
Note - consult data sheet in detail for valid combinations.
Minimium Ordering Quantity: 10
Order Multiple: 1


Similar Part No. - CL1607-10RJI

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
CL166 MICRO-ELECTRONICS-CL166 Datasheet
69Kb / 1P
   SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 20WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS
More results

Similar Description - CL1607-10RJI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com