Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KIC3210T-025 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KIC3210T-025
Description  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KIC3210T-025 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2006. 10. 24
1/5
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 3
150mA CMOS High Performance LDO Regulator
The KIC3210T series Low Dropout Linear Regulator is ideally suited for
portable applications. It offers 1% initial accuracy, extremely-low dropout
voltage(135mV at 150mA) and low ground current (typically 90uA). Designed
specifically for handheld and battery-powered devices, the KIC3210T provides
a TTL-logic-compatible ON/OFF control pin. When disabled, power
consumption drops nearly to zero. The KIC3210T also works with low-ESR
ceramic capacitors, reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Features
Input voltage range : 2.7V to 6.0V
Stability with ceramic output capacitors
Ultra-low dropout : 135mV @ 150mA
High output accuracy : 1.0% accuracy
Low quiescent current : 90 A
TTL-Logic-compatible ON/OFF control input
Zero off-mode current
Thermal shutdown and current limit protection
Applications
Cellular phones,Smart Phones, PDA
Battery-powered equipment
Laptop, notebook and palmtop computers
Consumer/personal electronics
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
B
E
H
J
J
2
3
15
4
+
_
+
_
+
_
+
_
+
_
1
VIN
3
ON/OFF Control
2
GND
4
BYP
5
VOUT
KIC3210T-025 ~
KIC3210T-035
CMOS Linear Integrated Circuit
Type Name
Lot No.
12
3
54
Marking


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIC3201SCMOS Linear Integrated Circuit Large Current Positive Voltage Regulator 1 2 3 4 5 MoreKEC(Korea Electronics)
AAT3215150mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
NCP600High Performance Low-Power LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3201150mA OmniPower™ LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
SP6260High Speed Extremely Low Noise 150mA LDO Regulator 1 2 3 4 5 MoreSipex Corporation
ISL6412_07Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 5 MoreIntersil Corporation
AAT3218150mA MicroPower™ High Performance LDO 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn