Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KIC3210T-025 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part No. KIC3210T-025
Description  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KIC3210T-025 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2006. 10. 24
4/5
KIC3210T-025 ~ KIC3210T-035
Revision No : 3
INPUT VOLTAGE VIN (V)
FREQUENCY (Hz)
60
40
50
70
10
0
30
20
101
102
103
104
105
106
60
20
0
80
40
100
140
120
1.0
0
0.5
1.5 2.0
3.0 3.5 4.0 4.5
2.5
5.0
Fig. 1 R.R
Fig. 2 VIN - IGND
INPUT VOLTAGE VIN (V)
1.5
0.5
0
2.0
1.0
2.5
3.5
3.0
1.0
0
0.5
1.5 2.0
3.0 3.5 4.0 4.5
2.5
5.0
Fig. 3 VIN - VOUT
0.6
0.2
0
0.8
0.4
0.1
0.14
0.12
0
-40 -20
20
40
80
100 120 140
60
Fig. 4 Ta - VDROP
ILOAD = 100µA
ILOAD = 100µA
150mA*
100mA*
50mA*
100
µA*
*ILOAD
COUT=1µF Ceramic
ILOAD =100µA
ILOAD =150mA
TEMPERTURE Ta ( C)
3.01
2.99
2.97
2.98
2.96
2.95
3.02
3.00
3.03
3.05
3.04
0
-40 -20
20
40
80
100 120 140
60
Fig. 5 Ta - VOUT
Fig. 6 Line Transient Response
ILOAD = 100µA
TEMPERTURE Ta ( C)
CIN = 1µF Ceramic
COUT = 1µF Ceramic
CBYP = 0.01µF
IOUT=100µA
TIME (400
µs/div)
4V
5V


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIC3201SCMOS Linear Integrated Circuit Large Current Positive Voltage Regulator 1 2 3 4 5 MoreKEC(Korea Electronics)
AAT3215150mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
NCP600High Performance Low-Power LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
AAT3236300mA CMOS High Performance LDO 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3201150mA OmniPower™ LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3242300mA/150mA Dual CMOS LDO Linear Regulator 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
SP6260High Speed Extremely Low Noise 150mA LDO Regulator 1 2 3 4 5 MoreSipex Corporation
ISL6412_07Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 5 MoreIntersil Corporation
AAT3218150mA MicroPower™ High Performance LDO 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn