Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3210T-025 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIC3210T-025
Description  CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-025 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIC3210T-025 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-025 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-025 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-025 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-025 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2006. 10. 24
3/5
KIC3210T-025 ~ KIC3210T-035
Revision No : 3
Electrical Characteristics
(VIN=VOUT+1V, VEN=VIN, IOUT=100 , Ta=25 )
Note 1) Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential. For outputs below 2.7V, dropout voltage is the input-to-output voltage differential
with the minimum input voltage 2.7V
Note 2) Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
VO
IOUT=100 A
-1
-
1
%
Load Regulation
Reg Load
IOUT=0.1mA ~ 150mA
-
1.5
2.5
%
Line Regulation
Reg Line
VIN=VOUT+1V ~ 6V
-
0.1
0.2
%/V
Dropout Voltage Note 1)
VD
IOUT=100uA
-
0.1
5
mV
IOUT=100mA
-
90
150
mV
IOUT=150mA
-
135
200
mV
Quiescent Current
IQ
VEN= 0.4V (shutdown)
-
0.2
1
A
Ground Pin Current Note 2)
IGND
IOUT=0mA
-
90
150
A
IOUT=150mA
-
117
150
A
Ripple Rejection
R.R
f=10Hz, COUT=1.0 F, CBYP=0.01 F
-
60
-
dB
f=100Hz, VIN=VOUT+1
-
60
-
dB
f=10kHz, VIN=VOUT+1
-
50
-
dB
Current Limit
ILIM
VOUT=0V
160
425
-
mA
Output Noise Voltage
VNO
COUT=1.0 F, CBYP=0.01 F
f=10Hz ~ 100kHz
-
50
-
Vrms
Output Control Voltage (ON-State)
VC(ON)
VIN=2.7V ~ 5.5V, regulator enable
1.6
-
-
V
Output Control Voltage (OFF-State)
VC(OFF)
VIN=2.7V ~ 5.5V, regulator shutdown
-
-
0.4
V
Output Control Current
IC
VC 1.6V, regulator enable
-
0.01
-
A
VC 0.4V, regulator shutdown
-
0.01
-
A
Thermal Shutdown Temperature
TSD
-
150
-
Thermal Shutdown Hysteresis
TSD_HYS
-
10
-
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
6
V
Output Current
IOUT
150
mA
Output Voltage
VOUT
2.5~3.5
V
Power DissipationNote
PD
900
mW
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65 ~ 125
Note) Package Mounted on a Ceramic board (600
0.8 )


Similar Part No. - KIC3210T-025

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3210T-025 KEC-KIC3210T-025 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
More results

Similar Description - KIC3210T-025

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com