Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU701 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LU701
Description  BLUE OVAL LAMP LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LU701 Datasheet(HTML) 5 Page - Seoul Semiconductor

  LU701 Datasheet HTML 1Page - Seoul Semiconductor LU701 Datasheet HTML 2Page - Seoul Semiconductor LU701 Datasheet HTML 3Page - Seoul Semiconductor LU701 Datasheet HTML 4Page - Seoul Semiconductor LU701 Datasheet HTML 5Page - Seoul Semiconductor LU701 Datasheet HTML 6Page - Seoul Semiconductor LU701 Datasheet HTML 7Page - Seoul Semiconductor LU701 Datasheet HTML 8Page - Seoul Semiconductor LU701 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-5-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LB700D
5. RELIABILITY TESTS
0/22
1 time
1kV, 1.5kΩ ; 100pF
ESD
(Human Body Model)
0/50
100cycles
T
a = -40ºC (30min) ~ 100º (30min)
(Transfer time : 5sec, 1Cycle = 1hr)
Thermal Shock
0/22
100hrs
T
a = 85ºC, RH = 85%
I
F = 8mA
Temperature Humidity
Operating
0/22
1000hrs
T
a = 85ºC, RH = 85%
Temperature Humidity
Storage
0/22
1000hrs
T
a = -40ºC
Low Temperature
Storage
0/22
1000hrs
T
a = 100ºC
High Temperature
Storage
0/22
0/22
0/22
0/22
Failures
1 time
T
s = 255 ± 5ºC, t = 10sec
Resistance to soldering
Heat
1000hrs
T
a = 85ºC, IF = 8mA
High Temperature
Operating
1000hrs
T
a = -30ºC, IF = 20mA
Low Temperature
Operating
1000hrs
T
a = RT, IF = 30mA
Life Test
Note
Condition
Item
< Judging Criteria For Reliability Tests >
LSL 2 X 0.5
I
V
USL X 2.0
I
R
USL 1 X 1.2
V
F
Notes : 1. USL : Upper Standard Level
2. LSL : Lower Standard Level.


Similar Part No. - LU701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU701 SEOUL-LU701 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LU701 SEOUL-LU701 Datasheet
360Kb / 13P
   CYAN LAMP LED
LU701 SEOUL-LU701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU701 SEOUL-LU701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LU701 SEOUL-LU701 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LU701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB700D SEOUL-LB700D_1 Datasheet
410Kb / 12P
   BLUE OVAL LAMP LED
LB770D SEOUL-LB770D_1 Datasheet
397Kb / 12P
   BLUE OVAL LAMP LED
LB770D SEOUL-LB770D Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
logo
OPTEK Technologies
OVLKBGT6 OPTEK-OVLKBGT6 Datasheet
769Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
logo
LightKey Optoelectronic...
LLO346UBD-B90 LIGHTKEY-LLO346UBD-B90 Datasheet
81Kb / 2P
   3mm Oval Blue LED Lamp
logo
TT Electronics.
OVLJBGD8 TTELEC-OVLJBGD8 Datasheet
624Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLKBGT6 TTELEC-OVLKBGT6 Datasheet
771Kb / 4P
   Oval Blue LED Lamp (3mm)
logo
OPTEK Technologies
OVLJBGD8 OPTEK-OVLJBGD8 Datasheet
622Kb / 4P
   Oval Blue LED Lamp (4mm)
OVLHBKD8 OPTEK-OVLHBKD8 Datasheet
586Kb / 3P
   Oval Blue LED Lamp (5 mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com