Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB701 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # LB701
Description  Infrared LAMP LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LB701 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button LB701 Datasheet HTML 4Page - Seoul Semiconductor LB701 Datasheet HTML 5Page - Seoul Semiconductor LB701 Datasheet HTML 6Page - Seoul Semiconductor LB701 Datasheet HTML 7Page - Seoul Semiconductor LB701 Datasheet HTML 8Page - Seoul Semiconductor LB701 Datasheet HTML 9Page - Seoul Semiconductor LB701 Datasheet HTML 10Page - Seoul Semiconductor LB701 Datasheet HTML 11Page - Seoul Semiconductor LB701 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8. PACKING
P/O No.
SEOUL SEMICONDUCTOR CO.,LTD
Lot No
TEL : (02) 3281-6269
170mm
(1) Antistatic poly vinyl bag apply
Poly bag:
5φ Lamp Series : 500pcs
3φ Lamp Series : 500pcs
(2) Inner box structure
Box : 2 poly bags
(3) Outer box structure
Box : 27 boxes
485.0mm
260mm
1) Bulk Packing
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
7


Similar Part No. - LB701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB701 SEOUL-LB701 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB701 SEOUL-LB701 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB701 SEOUL-LB701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB701 SEOUL-LB701 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB701 SEOUL-LB701 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LB701

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
   Infrared LAMP LED
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
   Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
   Infrared LED Lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
   Infrared LED Lamp
logo
List of Unclassifed Man...
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
   Infrared LED Lamp
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
   Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
   infrared led lamp
LED840-04AU ROITHNER-LED840-04AU Datasheet
66Kb / 1P
   Infrared LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com