Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VORTEX86SX Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VORTEX86SX
Description  32-BIT x86 Embedded SoC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VORTEX86SX Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VORTEX86SX Datasheet HTML 15Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 16Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 17Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 18Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 19Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 20Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 21Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 22Page - List of Unclassifed Manufacturers VORTEX86SX Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Vortex86SX
32-Bit x86 Embedded SoC
Vortex86SX Brief Datasheet
Version 1.001
19
GPIO Interface (24 PINs)
PIN No.
Symbol
Type
Description
AA18, AA17, AE18,
AE17, AF18, AF17,
AC17, AD17,
AA19, AC19, AD19,
AE19, AB18, AC18,
AB17, AF19
GPIO_P0[7:0]
GPIO_P1[7:0]
I/O
General-Purpose Input/Output P0[7-0] and P1[7-0]. Those pins can be
programmed input or output individually.
AA20, AB20, AD20,
AE20, AD18, AF20,
AF21, AB19
GPIO_P2[7:0]/Addre
ss[31:24]
I/O
General-Purpose Input/Output P2[7-0] . Those pins can be programmed
input or output individually.
Address[31:24].
Ethernet Interface (24 PINs)
PIN No.
Symbol
Type
Description
L22
Link/Active
Link/Active: Link/active status
K22
Duplex
Duplex: Duplex status
J24
ISET
ISET: External resistor connecting pin for BIAS
F22
ATSTP
ATSTP: VGA and ADC testing pin for input and output (positive)
F21
ATSTN
ATSTN: VGA and ADC testing pin for input and output (negative)
K25
TXN
TXN: 10B-T/100BT transmitting output pin/ reveiving input pin (positive)
K26
TXP
TXP: 10B-T/100BT transmitting output pin/ reveiving input pin (negative)
L25
RXN
RXN: 10B-T/100BT reveiving input pin/ transmitting output pin (positive)
L26
RXP
RXP: 10B-T/100BT reveiving input pin/ transmitting output pin (negative)
J16
MDC
O
MDC: MII management data clock is sourced by the Vortex86SX to the
external PHY devices as a timing reference for the transfer of information
on the MDIO signal.
K16
MDIO
I/O
MDIO: MII management data input/output transfers control information
and status between the external PHY and the Vortex86SX.
L16
COL0
I
COL0: This pin functions as the collision detection. When the external
physical layer protocol (PHY) device detects a collision, it asserts this pin.
M21
RXC0
I
RXC0: Supports the receive clock supplied by the external PMD device.
This clock should always be active.
M18, M17,
L17, L18
RXD0_[3:0]
I
RXD0_[3:0]: Four parallel receiving data lines. This data is driven by an
external PHY attached to the media and should be synchronized with the
RXC signal.
L21
RXDV0
I
RXDV0: Data valid is asserted by an external PHY when the received
data is present on the RXD[3:0] lines and is de-asserted at the end of the
packet. This signal should be synchronized with the RXC signal.
J21
TXC0
I
TXC0: Supports the transmit clock supplied by the external PMD device.
This clock should always be active.
J18, J17,
K17, K18
TXD0_[3:0]
O
TXD0_[3:0]: Four parallel transmit data lines. This data is synchronized
to the assertion of the TXC signal and is latched by the external PHY on
the rising edge of the TXC signal.
K21
TXEN0
O
TXEN0: This pin functions as Transmit Enable. It indicates that a
transmission to an external PHY device is active on the MII port.
JTAG Interface (4 PINs)
PIN No.
Symbol
Type
Description
G6
TDO
O
TDO: JTAG Test Data Output pin.
J9
TMS
I
TMS: JTAG Test Mode Select pin.
G7
TCK
I
TCK: JTAG Test Clock Input pin.
H6
TDI
I
TDI: JTAG Test Data Input pin.


Similar Part No. - VORTEX86SX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1121A6 VISHAY-VOR1121A6 Datasheet
150Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.1, 29-Aug-16
VOR1121A6 VISHAY-VOR1121A6 Datasheet
147Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
VOR1121A6 VISHAY-VOR1121A6_V01 Datasheet
147Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
VOR1121A6 VISHAY-VOR1121A6_V02 Datasheet
147Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
VOR1121B6 VISHAY-VOR1121B6 Datasheet
150Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 1.1, 29-Aug-16
More results

Similar Description - VORTEX86SX

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EVA-X4150 ADVANTECH-EVA-X4150 Datasheet
285Kb / 2P
   Cost-Effective x86 SoC for Industrial Embedded Platforms
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
   Highly Integrated x86 SoC for Industrial Embedded Platforms
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Advantech Co., Ltd.
SOM-4430 ADVANTECH-SOM-4430 Datasheet
300Kb / 2P
   Advantech x86 SoC ETX CPU Module
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com