Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCB1300BE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UCB1300BE
Description  Advanced modem/audio analog front-end
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UCB1300BE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UCB1300BE Datasheet HTML 5Page - NXP Semiconductors UCB1300BE Datasheet HTML 6Page - NXP Semiconductors UCB1300BE Datasheet HTML 7Page - NXP Semiconductors UCB1300BE Datasheet HTML 8Page - NXP Semiconductors UCB1300BE Datasheet HTML 9Page - NXP Semiconductors UCB1300BE Datasheet HTML 10Page - NXP Semiconductors UCB1300BE Datasheet HTML 11Page - NXP Semiconductors UCB1300BE Datasheet HTML 12Page - NXP Semiconductors UCB1300BE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
1999 Jul 20
9
Philips Semiconductors
Preliminary specification
Advanced modem/audio analog front-end
UCB1300
The UCB1300 audio codec input path accepts microphone signals directly, only a DC blocking capacitor is needed since
the MICP input is biased around 1.4V. The ‘ground’ side of the microphone is either connected to the analog ground
(Vssa1) or to the MICGND pin. The latter will decrease the current consumption of active microphones, since the MICGND
pin is made Hi-Z when the audio codec input path is disabled.
The full scale input voltage of the audio input path is programmable in 1.5 dB steps by setting the appropriate number in
AUDIO_GAIN[n] in the audio control register A. Using very high gains may require the use of the internal offset
cancellation circuit programmable in reg 13 to avoid clipping in the ADC.
A clip detection circuit will inform the user whenever the input voltage exceeds the maximum input voltage, since this will
lead to a high distortion. In that case AUD_CLIP_STAT in the audio control register B is set. When ACLIP_RIS_INT is
set, an interrupt is generated on the IRQOUT pin on the rising edge of the clip detect signal. When ACLIP_FAL_INT is
set, an interrupt is generated on the falling edge of the clip detect signal.
The frequency response of the audio codec depends mainly on the selected sample rate, since the bandwidth is limited
in the down and up sampling filters. These digital filters both contain several FIR and IIR low pass filters and a DC
removal filter (high pass filter). A 3rd order smoothing filter is implemented in the DAC path, between DAC and speaker
driver stage to reduce the spurious frequencies at the speaker outputs.
Fig.4 Possible microphone connections.
PASSIVE
VDDA1
1
7
21
MICP
MICGND
20
VSSA1
18
ACTIVE
VDDA1
1
7
21
MICP
MICGND
20
VSSA1
18
UCB1300
UCB1300


Similar Part No. - UCB1300BE

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB10-150T-RC ALLIED-UCB10-150T-RC Datasheet
436Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB1300BE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com