Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACE1750A Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # PACE1750A
Description  SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1750A Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button PACE1750A Datasheet HTML 7Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 8Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 9Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 10Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 11Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 12Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 15Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Page 11 of 24
PACE1750A
Document # MICRO-3 Rev. C
Parameter
V0
VMEA
tPLZ
≥ 3V
0.5V
tPHZ
0V
VCC – 0.5V
tPXL
VCC/2
1.5V
tPXH
VCC/2
1.5V
BUS ACQUISITION
Note:
A CPU contending for the BUS will assert the
BUS REQ line, and will acquire it when BUS GNT is assserted and the BUS is not locked
(
BUS LOCK is high).
SWITCHING TIME TEST CIRCUITS
Standard Output (Non-Three-State)
Three-State
Note:
All time measurements on active signals relate to the 1.5 volt level.


Similar Part No. - PACE1750A

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PACE1750AE PYRAMID-PACE1750AE Datasheet
230Kb / 25P
   SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
More results

Similar Description - PACE1750A

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PACE1750AE PYRAMID-PACE1750AE Datasheet
230Kb / 25P
   SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PACE1754 PYRAMID-PACE1754 Datasheet
171Kb / 20P
   SINGLE CHIP, 40MHz CMOS PROCESSOR INTERFACE CIRCUIT (PIC)
PACE1753 PYRAMID-PACE1753 Datasheet
187Kb / 21P
   SINGLE CHIP, 40MHz CMOS MMU/COMBO
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
logo
Mitsubishi Electric Sem...
M30623M4A MITSUBISHI-M30623M4A Datasheet
2Mb / 237P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735M4B MITSUBISHI-M37735M4B Datasheet
378Kb / 30P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37736MHL MITSUBISHI-M37736MHL Datasheet
537Kb / 29P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30622M4 MITSUBISHI-M30622M4 Datasheet
3Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP MITSUBISHI-M37702M2AXXXFP Datasheet
811Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com