Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UC3842D
Description  Current-mode PWM controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UC3842D Datasheet(HTML) 2 Page - NXP Semiconductors

  UC3842D Datasheet HTML 1Page - NXP Semiconductors UC3842D Datasheet HTML 2Page - NXP Semiconductors UC3842D Datasheet HTML 3Page - NXP Semiconductors UC3842D Datasheet HTML 4Page - NXP Semiconductors UC3842D Datasheet HTML 5Page - NXP Semiconductors UC3842D Datasheet HTML 6Page - NXP Semiconductors UC3842D Datasheet HTML 7Page - NXP Semiconductors UC3842D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
UC3842
Current-mode PWM controller
August 31, 1994
1101
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
UC3842N
0404B
14-Pin Plastic Small Outline (SO) Package
0 to +70
°C
UC3842D
0405B
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage (ICC<30mA)
Self-Limiting
VCC
Supply voltage
(low impedance source)
30
V
IOUT
Output current 2, 3
±1
A
Output energy (capacitive load)
5
µJ
Analog inputs (Pin 2, Pin 3)
-0.3 to 6.3
V
Error amp output sink current
10
mA
PD
Power dissipation at TA≤70°C
1
W
(derate 12.5mW/
°C for TA>70°C)2
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead temperature
(soldering, 10sec max)
300
°C
NOTES:
1. All voltages are with respect to Pin 5; all currents are positive into the specified terminal.
2. See section in application note on “Power Dissipation Calculation”.
3. This parameter is guaranteed, but not 100% tested in production.


Similar Part No. - UC3842D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3842D STMICROELECTRONICS-UC3842D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842D FAIRCHILD-UC3842D Datasheet
127Kb / 12P
   SMPS Controller
logo
Texas Instruments
UC3842D TI-UC3842D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC3842D TI-UC3842D Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC3842D TI1-UC3842D Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842D

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com