Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY264-45PM Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # PY264-45PM
Description  8K X 8 REPROGRAMMABLE PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PY264-45PM Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

  PY264-45PM Datasheet HTML 1Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PY264-45PM Datasheet HTML 8Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PY264
Page 6 of 8
Document # EPROM102 REV OR
ORDERING INFORMATION
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not Available
SELECTION GUIDE
The PY264 is available in the following temperature, speed and package options.
35
45
55
Plastic DIP
-35PC
N/A
N/A
Windowed CERDIP
N/A
-45WC
-55WC
Military
Temperature
Windowed CERDIP
N/A
-45WM
-55WM
Military
Processed*
Windowed CERDIP
N/A
-45WMB
-55WMB
Commercial
Temperature
Range
Package


Similar Part No. - PY264-45PM

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PY20 EDI-PY20 Datasheet
46Kb / 2P
   10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PY20F EDI-PY20F Datasheet
50Kb / 2P
   12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
List of Unclassifed Man...
PY2202S ETC2-PY2202S Datasheet
201Kb / 1P
   SINGLE COLOR LED
PY2222S ETC2-PY2222S Datasheet
201Kb / 1P
   SINGLE COLOR LED
logo
Puya Semiconductor Co.,...
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
   Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results

Similar Description - PY264-45PM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-45DMB CYPRESS-CY7C263-45DMB Datasheet
481Kb / 16P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com