Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ661 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ661
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ661 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ661 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ661 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ661 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ661 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ661
No.8586-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--20V, f=1MHz
4360
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
470
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
335
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
33
ns
Rise Time
tr
See specified Test Circuit.
285
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
295
ns
Fall Time
tf
See specified Test Circuit.
195
ns
Total Gate Charge
Qg
VDS=--30V, VGS=--10V, ID=--38A
80
nC
Gate-to-Source Charge
Qgs
VDS=--30V, VGS=--10V, ID=--38A
15
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--30V, VGS=--10V, ID=--38A
12
nC
Diode Forward Voltage
VSD
IS=--38A, VGS=0V
--1.0
--1.2
V
Package Dimensions
Package Dimensions
unit : mm
unit : mm
7513-002
7001-003
Switching Time Test Circuit
Avalanche Resistance Test Circuit
10.2
1.3
4.5
0.8
0.4
12
3
2.55
2.55
1.2
1 : Gate
2 : Drain
3 : Source
SANYO : SMP
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --19A
RL=1.58Ω
VDD= --30V
VOUT
2SJ661
VIN
0V
--10V
VIN
50
0V
--10V
≥50Ω
RG
DUT
VDD
L
10.2
1.3
4.5
0.8
0.4
1.2
2.55
2.55
0 to 0.3
12
3
2.55
2.55
1 : Gate
2 : Drain
3 : Source
SANYO : SMP-FD


Similar Part No. - 2SJ661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ661 SANYO-2SJ661 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
2SJ661 ONSEMI-2SJ661 Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
2SJ661-1E ONSEMI-2SJ661-1E Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
2SJ661-DL-1E ONSEMI-2SJ661-DL-1E Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
2SJ661 SANYO-2SJ661_12 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
More results

Similar Description - 2SJ661

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com