Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

5SNA1800E1701 Datasheet(PDF) 9 Page - The ABB Group

Part No. 5SNA1800E1701
Description  IGBT Module
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ABB [The ABB Group]
Homepage  http://www.abb.com
Logo 

5SNA1800E1701 Datasheet(HTML) 9 Page - The ABB Group

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5SNA 1800E170100
ABB Switzerland Ltd, Semiconductors reserves the right to change specifications without notice.
ABB Switzerland Ltd
Doc. No. 5SYA 1554-03 Nov. 04
Semiconductors
Fabrikstrasse 3
CH-5600 Lenzburg, Switzerland
Telephone +41 (0)58 586 1419
Fax
+41 (0)58 586 1306
Email
abbsem@ch.abb.com
Internet
www.abb.com/semiconductors
Analytical function for transient thermal
impedance:
)
e
-
(1
R
=
(t)
Z
n
1
i
t/
-
i
c)
-
(j
th
=
i
τ
i
1
2
3
4
5
Ri(K/kW)
6.24
1.73
0.704
0.345
τ
i(ms)
192
20.4
1.97
0.52
Ri(K/kW)
11.6
2.91
1.28
1.27
τ
i(ms)
204
29.3
6.96
1.5
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
10
t [s]
Zth(j-c) IGBT
Zth(j-c) Diode
Fig. 16
Thermal impedance vs time


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn