Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC371 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LC371
Description  RED OVAL LAMP LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC371 Datasheet(HTML) 5 Page - Seoul Semiconductor

  LC371 Datasheet HTML 1Page - Seoul Semiconductor LC371 Datasheet HTML 2Page - Seoul Semiconductor LC371 Datasheet HTML 3Page - Seoul Semiconductor LC371 Datasheet HTML 4Page - Seoul Semiconductor LC371 Datasheet HTML 5Page - Seoul Semiconductor LC371 Datasheet HTML 6Page - Seoul Semiconductor LC371 Datasheet HTML 7Page - Seoul Semiconductor LC371 Datasheet HTML 8Page - Seoul Semiconductor LC371 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-5-
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
<060712> Rev. 0.1
LR770D
5. RELIABILITY TESTS
0/22
1 time
1kV, 1.5kΩ ; 100pF
ESD
(Human Body Model)
0/50
100cycles
T
a = -50ºC (30min) ~ 105º (30min)
(Transfer time : 5sec, 1Cycle = 1hr)
Thermal Shock
0/22
100hrs
T
a = 85ºC, RH = 85%
I
F = 15mA
Temperature Humidity
Operating
0/22
1000hrs
T
a = 85ºC, RH = 85%
Temperature Humidity
Storage
0/22
1000hrs
T
a = -50ºC
Low Temperature
Storage
0/22
1000hrs
T
a = 105ºC
High Temperature
Storage
0/22
0/22
0/22
0/22
Failures
1 time
T
s = 255 ± 5ºC, t = 10sec
Resistance to soldering
Heat
1000hrs
T
a = 85ºC, IF = 15mA
High Temperature
Operating
1000hrs
T
a = -30ºC, IF = 20mA
Low Temperature
Operating
1000hrs
T
a = RT, IF = 30mA
Life Test
Note
Condition
Item
< Judging Criteria For Reliability Tests >
LSL 2 X 0.7
I
V
USL X 2.0
I
R
USL 1 X 1.2
V
F
Notes : 1. USL : Upper Standard Level
2. LSL : Lower Standard Level.


Similar Part No. - LC371

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC371 SEOUL-LC371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC371 SEOUL-LC371 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC371 SEOUL-LC371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
378Kb / 14P
   RED LAMP LED
LC371 SEOUL-LC371 Datasheet
285Kb / 13P
   Infrared LAMP LED
More results

Similar Description - LC371

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR700D SEOUL-LR700D_1 Datasheet
272Kb / 12P
   RED OVAL LAMP LED
LR700D SEOUL-LR700D Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LR770D SEOUL-LR770D_1 Datasheet
267Kb / 12P
   RED OVAL LAMP LED
logo
OPTEK Technologies
OVLJRGD8 OPTEK-OVLJRGD8 Datasheet
649Kb / 4P
   Oval Red LED Lamp (4mm)
logo
TT Electronics.
OVLKQGT6 TTELEC-OVLKQGT6 Datasheet
546Kb / 4P
   Oval Red-Orange LED Lamp
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
OVLJRGD8 TTELEC-OVLJRGD8 Datasheet
650Kb / 4P
   Oval Red LED Lamp (4mm)
logo
OPTEK Technologies
OVLKQGT6 OPTEK-OVLKQGT6 Datasheet
764Kb / 4P
   Oval Red-Orange LED Lamp (3mm)
OVLHRKD8 OPTEK-OVLHRKD8 Datasheet
604Kb / 3P
   Oval Red LED Lamp (5 mm)
logo
Micro Electronics
MSB2310TK-5B MICRO-ELECTRONICS-MSB2310TK-5B Datasheet
43Kb / 1P
   5MM OVAL TYPE HIGH BRIGHTNESS RED LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com