Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG412DJ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG412DJ
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412DJ Datasheet(HTML) 7 Page - Vishay Siliconix

  DG412DJ Datasheet HTML 1Page - Vishay Siliconix DG412DJ Datasheet HTML 2Page - Vishay Siliconix DG412DJ Datasheet HTML 3Page - Vishay Siliconix DG412DJ Datasheet HTML 4Page - Vishay Siliconix DG412DJ Datasheet HTML 5Page - Vishay Siliconix DG412DJ Datasheet HTML 6Page - Vishay Siliconix DG412DJ Datasheet HTML 7Page - Vishay Siliconix DG412DJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DG411/412/413
Vishay Siliconix
Document Number: 70050
S-52433—Rev. D, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-7
TEST CIRCUITS
FIGURE 3. Break-Before-Make (DG413)
0 V
Logic
Input
Switch
Switch
Output
3 V
50%
0 V
Output
0 V
90%
VO2
VO1
90%
VS1
VS2
tD
tD
FIGURE 4. Charge Injection
VO2
CL (includes fixture and stray capacitance)
V+
S2
V–
S1
VL
VS2
IN2
D2
VS1
RL2
300
W
D1
VO1
CL2
35 pF
–15 V
GND
+5 V
+15 V
CL
10 nF
D
Rg
VO
V+
S
V–
3 V
IN
VL
Vg
–15 V
GND
+15 V
+5 V
RL1
300
W
CL1
35 pF
OFF
ON
OFF
OFF
ON
OFF
VO
DVO
INX
INX
Q =
DVO x CL
INX dependent on switch configuration Input polarity determined
by sense of switch.
IN1
FIGURE 5. Crosstalk
0V, 2.4 V
S1
XTALK Isolation = 20 log
VS
VO
D2
C = RF bypass
RL
D1
S2
VS
0V, 2.4 V
IN1
50
W
VO
IN2
Rg = 50 W
VL
V+
–15 V
GND
V–
NC
C
+15 V
C
+5 V
C


Similar Part No. - DG412DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG412DJ MAXIM-DG412DJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
logo
Intersil Corporation
DG412DJ INTERSIL-DG412DJ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG412DJ INTERSIL-DG412DJ Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG412DJ VISHAY-DG412DJ Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
logo
Maxim Integrated Produc...
DG412DJ MAXIM-DG412DJ Datasheet
172Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
More results

Similar Description - DG412DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com