Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNC-H42-15 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # TNC-H42-15
Description  Flat Mains Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

TNC-H42-15 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  TNC-H42-15 Datasheet HTML 1Page - ECM Electronics Limited. TNC-H42-15 Datasheet HTML 2Page - ECM Electronics Limited. TNC-H42-15 Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECM Flat Mains Transformer
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
VA
Primary
2 X 110V
Between Pins-
Secondary
Output
2 X
Secondary
Connection
Between Pins
Weight
(kgs)
TCH-D 18-6
18
2-4 / 7-9
6V - 1.500A
11-12 / 19-20
0.41
TCH-D 18-9
18
2-4 / 7-9
9V - 1.000A
11-12 / 19-20
0.41
TCH-D 18-12
18
2-4 / 7-9
12V - 0.750A
11-12 / 19-20
0.41
TCH-D 18-15
18
2-4 / 7-9
15V - 0.600A
11-12 / 19-20
0.41
TCH-D 18-18
18
2-4 / 7-9
18V - 0.500A
11-12 / 19-20
0.41
TCH-D 18-24
18
2-4 / 7-9
24V - 0.375A
11-12 / 19-20
0.41
TNC-G 25-6
25
2-4 / 7-9
6V - 2.080A
11-12 / 19-20
0.50
TNC-G 25-9
25
2-4 / 7-9
9V - 1.380A
11-12 / 19-20
0.50
TNC-G 25-12
25
2-4 / 7-9
12V - 1.040A
11-12 / 19-20
0.50
TNC-G 25-15
25
2-4 / 7-9
15V - 0.830A
11-12 / 19-20
0.50
TNC-G 25-18
25
2-4 / 7-9
18V - 0.694A
11-12 / 19-20
0.50
TNC-G 25-24
25
2-4 / 7-9
24V - 0.520A
11-12 / 19-20
0.50
TNC-H 42-6
42
2-5 / 8-11
6V - 3.500A
13-15 / 22-24
0.80
TNC-H 42-9
42
2-5 / 8-11
9V - 2.333A
13-15 / 22-24
0.80
TNC-H 42-12
42
2-5 / 8-11
12V - 1.750A
13-15 / 22-24
0.80
TNC-H 42-15
42
2-5 / 8-11
15V - 1.400A
13-15 / 22-24
0.80
TNC-H 42-18
42
2-5 / 8-11
18V - 1.166A
13-15 / 22-24
0.80
Customer specifications also welcome


Similar Part No. - TNC-H42-15

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
TNC-15-12 PREMO-TNC-15-12 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-15 PREMO-TNC-15-15 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-18 PREMO-TNC-15-18 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-24 PREMO-TNC-15-24 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
TNC-15-6 PREMO-TNC-15-6 Datasheet
227Kb / 3P
   50/60 Hz Low Profile UL Approved Transformers 15W-42W
More results

Similar Description - TNC-H42-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
ITT Industries
NE18 ITT-NE18 Datasheet
999Kb / 9P
   Mains / Power Switches
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
TRIAD MAGNETICS
FP12-3800 TRIAD-FP12-3800 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP16-1500 TRIAD-FP16-1500 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-100 TRIAD-FP24-100_13 Datasheet
53Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP10-600 TRIAD-FP10-600_13 Datasheet
96Kb / 1P
   Power Transformer PC Mount: Flat Pack
FP24-2000 TRIAD-FP24-2000 Datasheet
97Kb / 1P
   Power Transformer PC Mount: Flat Pack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com