Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPL1907-10RFI Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # CPL1907-10RFI
Description  Tubular Vitreous Enamelled Wirewound Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CPL1907-10RFI Datasheet(HTML) 1 Page - Welwyn Components Limited

  CPL1907-10RFI Datasheet HTML 1Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 2Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 3Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 4Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 5Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 6Page - Welwyn Components Limited CPL1907-10RFI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
Impervious lead free vitreous enamel coating
Can be supplied with fixed, adjustable,
tapped or low inductance winding
Seven termination styles with choice of
mounting arrangements
Manufactured RoHS compliant
Pb-free terminations*
* Check status of stock when ordering
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data, relates to current manufacture and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
121
1601
1905
1600
1602
1906
1603
1604
Power rating at 70°C
watts
11
16
16.5
17
22
25
35
Resistance range
ohms
See Table 1
Limiting element voltage
volts
See Table 1
TCR (-55 to +200°C)
ppm/°C
Typically: <+75
Maximum + 200
Resistance tolerance
%
1, 2, 5, 10
See table 1 for value restrictions
Values
E24 preferred
Thermal impedance
°C/watt
See fig. 1
Operating temperature range
°C
-55 to +375
1605
1908
1607
1606
1608
1609
Power rating at 70°C
watts
47
54
76
91
115
165
Resistance range
ohms
See Table 1
Limiting element voltage
volts
See Table 1
TCR (-55 to +200°C)
ppm/°C
Typically: <+75
Maximum + 150
Resistance tolerance
%
1, 2, 5, 10
See table 1 for value restrictions
Values
E24 preferred
Thermal impedance
°C/watt
See fig. 1
Operating temperature range
°C-55 to +375
Electrical Data
Issue E · 10.05
A subsidiary of
TT electronics plc
Welwyn Components
Note See Figure 1 for curves of temperature rise / watts dissipation.
General Information
Vitreous enamelled wirewound resistors are capable of
withstanding a higher dissipation size for size, than any other
protected type; this is attributable to the higher operating
temperature which the wire and enamel can withstand.
Vitreous enamel provides exceptionally good protection to the
wire element and is essentially impervious to moisture. The
resistors can safely be used in harsh environmental conditions.
The Welwyn range is based on thirteen sizes of tube, each of
which has a recommended maximum dissipation which limits
operating surface temperature to a maximum of 375°C.
The stability and high reliability of Welwyn tubular vitreous
resistors is a direct result of the best quality materials being
used in their construction.
High purity ceramic tubes have been matched with nickel
chromium resistance wires and specially formulated enamel to
ensure that the resistors can withstand repeated heat cycling
without damage.
Connections between the resistance element and end
terminations are welded; other connections are brazed.
Mounting devices are available which permit resistors to be
mounted by both ends or by one end. Single ended mounting
is recommended for applications which do not subject the
resistor to shock or vibration.
Ferrules and the F type mounting plug are anchored into the
tubes with high temperature adhesive.
Special requirements, for types or styles not described
in this brochure, will be considered for economic
quantities.


Similar Part No. - CPL1907-10RFI

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CPL1 LSTD-CPL1 Datasheet
444Kb / 2P
   Precise Temperature Control
logo
XP Power Limited
CPL100PD12 XPPOWER-CPL100PD12 Datasheet
189Kb / 4P
   AC-DC Open Frame
CPL100PD24 XPPOWER-CPL100PD24 Datasheet
189Kb / 4P
   AC-DC Open Frame
CPL150PD12 XPPOWER-CPL150PD12 Datasheet
189Kb / 4P
   AC-DC Open Frame
CPL150PD24 XPPOWER-CPL150PD24 Datasheet
189Kb / 4P
   AC-DC Open Frame
More results

Similar Description - CPL1907-10RFI

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
   Vitreous Enamelled Wirewound Resistors
2011/65/EU
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com