Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28-820 Datasheet(PDF) 5 Page - ECM Electronics Limited.

Part # CDRH5D28-820
Description  Surface Mount Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

CDRH5D28-820 Datasheet(HTML) 5 Page - ECM Electronics Limited.

  CDRH5D28-820 Datasheet HTML 1Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 2Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 3Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 4Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 5Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 6Page - ECM Electronics Limited. CDRH5D28-820 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ECM Surface Mount Power Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 4
ECM
Part
L
(
µH)
Tol
%
RDC
MAX
(
Ω)
IDC
IN
(A)
CDRH6D38 Series continued…
CDRH6D38-270
27 @ 10kHz
N
0.109
1.20
CDRH6D38-330
33 @ 10kHz
N
0.124
1.10
CDRH6D38-390
39 @ 10kHz
N
0.138
1.00
CDRH6D38-470
47 @ 10kHz
N
0.155
0.95
CDRH6D38-560
56 @ 10kHz
N
0.202
0.85
CDRH6D38-680
68 @ 10kHz
N
0.234
0.75
CDRH6D38-820
82 @ 10kHz
N
0.324
0.70
CDRH6D38-101
100 @ 10kHz
N
0.358
0.65
CDRH73 Series
CDRH73-100
10 @ 2.52 MHz
L,M
0.07
1.68
CDRH73-120
12 @ 2.52 MHz
L,M
0.10
1.52
CDRH73-150
15 @ 2.52 MHz
L,M
0.13
1.33
CDRH73-180
18 @ 2.52 MHz
L,M
0.14
1.20
CDRH73-220
22 @ 2.52 MHz
L,M
0.19
1.07
CDRH73-270
27 @ 2.52 MHz
L,M
0.21
0.96
CDRH73-330
33 @ 2.52 MHz
L,M
0.24
0.91
CDRH73-390
39 @ 2.52 MHz
L,M
0.32
0.77
CDRH73-470
47 @ 2.52 MHz
L,M
0.36
0.76
CDRH73-560
56 @ 2.52 MHz
L,M
0.47
0.68
CDRH73-680
68 @ 2.52 MHz
L,M
0.52
0.61
CDRH73-820
82 @ 2.52 MHz
L,M
0.69
0.57
CDRH73-101
100 @ 1.0 kHz
L,M
0.79
0.50
CDRH73-121
120 @ 1.0 kHz
L,M
0.89
0.49
CDRH73-151
150 @ 1.0 kHz
L,M
1.27
0.43
CDRH73-181
180 @ 1.0 kHz
L,M
1.45
0.39
CDRH73-221
220 @ 1.0 kHz
L,M
1.65
0.35
CDRH73-271
270 @ 1.0 kHz
L,M
2.31
0.32
CDRH73-331
330 @ 1.0 kHz
L,M
2.62
0.28
CDRH73-391
390 @ 1.0 kHz
L,M
2.94
0.26
CDRH73-471
470 @ 1.0 kHz
L,M
4.18
0.24
CDRH73-561
560 @ 1.0 kHz
L,M
4.67
0.22
CDRH73-681
680 @ 1.0 kHz
L,M
5.73
0.19
CDRH73-821
820 @ 1.0 kHz
L,M
6.54
0.18
CDRH73-102
1000 @ 1.0 kHz
L,M
9.44
0.16
CDRH74 Series
CDRH74-100
10 @ 2.52 MHz
L,M
0.05
1.84
CDRH74-120
12 @ 2.52 MHz
L,M
0.06
1.71
CDRH74-150
15 @ 2.52 MHz
L,M
0.08
1.47
CDRH74-180
18 @ 2.52 MHz
L,M
0.09
1.31
CDRH74-220
22 @ 2.52 MHz
L,M
0.11
1.23
CDRH74-270
27 @ 2.52 MHz
L,M
0.15
1.12
CDRH74-330
33 @ 2.52 MHz
L,M
0.17
0.96
CDRH74-390
39 @ 2.52 MHz
L,M
0.23
0.91
CDRH74-470
47 @ 2.52 MHz
L,M
0.26
0.88
CDRH74-560
56 @ 2.52 MHz
L,M
0.35
0.75
CDRH74-680
68 @ 2.52 MHz
L,M
0.38
0.69
CDRH74-820
82 @ 2.52 MHz
L,M
0.43
0.61
CDRH74-101
100 @ 1.0 kHz
L,M
0.61
0.60
CDRH74-121
120 @ 1.0 kHz
L,M
0.66
0.52
CDRH74-151
150 @ 1.0 kHz
L,M
0.88
0.46
CDRH74-181
180 @ 1.0 kHz
L,M
0.98
0.42
CDRH74-221
220 @ 1.0 kHz
L,M
1.17
0.36
CDRH74-271
270 @ 1.0 kHz
L,M
1.64
0.34
CDRH74-331
330 @ 1.0 kHz
L,M
1.86
0.32
CDRH74-391
390 @ 1.0 kHz
L,M
2.85
0.29
CDRH74-471
470 @ 1.0 kHz
L,M
3.01
0.26
CDRH74-561
560 @ 1.0 kHz
L,M
3.62
0.23


Similar Part No. - CDRH5D28-820

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH5D28-820 AITCOMPONENTS-CDRH5D28-820 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D28-820

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com