Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

E5CK Datasheet(PDF) 12 Page - Omron Electronics LLC

Part No. E5CK
Description  Advanced, Compact Digital Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

E5CK Datasheet(HTML) 12 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
I-74
Digital Controller
E5CK
I Parameters Operation
Level 0 Mode
0
1 3 0 0
0
s p - m
50.0
o
c - o
50.0
r - 5
run
PV/SV
Set Point During SP Ramp
Monitors the set point when the SP ramp function is used.
MV Monitor (Heat)
MV Monitor (Cool)
Used when the Unit is in heating and cooling control operation.
Run/Stop
The process value is displayed on the No.1 display and the set point is displayed on the No.2 display.
When the multi-SP function is in use, the value of whichever is set, set point 0 or 1, is linked.
1
off
s e c r
k e y p
0
1
2
34
xxx
x
xx
x
xx
x
xx
x
xx
x
16.0
3 8. 8
Security
A/M Key Protect
Invalidate the function of the A/M Key.
MV Manual
Mode
Set value
Calibration
Option
Expansion
Setup
Level 2
Level 1, 0
Process value
Manipulated variable
MANU indicator
Any mode marked with "X" in the following table is not displayed on the menu when this parameter is set to
"0" to "3."
The Unit will be in only level 0 mode and the menu will not be available when this parameter is set to "4" to
"6."
Only the "PV/SP monitor" and "set point" parameter can be used when this parameter is set to "5."
Only the "PV/SP monitor" parameter can be used when this parameter is set to "6."


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
5685416-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
56F835716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSPIC30F6011_06High-Performance 16-Bit Digital Signal Controllers 1 2 3 4 5 MoreMicrochip Technology
5685516-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
56F8365_0716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSPIC30F2010High-Performance 16-Bit Digital Signal Controllers 1 2 3 4 5 MoreMicrochip Technology
TMS320F28335Digital Signal Controllers DSCs 1 2 3 4 5 MoreTexas Instruments
5685716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
56F8366_0716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSPIC30F6010_06High-Performance 16-Bit Digital Signal Controllers 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn