Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L05PTQ-F Datasheet(PDF) 10 Page - AMIC Technology

Part # A25L05PTQ-F
Description  2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L05PTQ-F Datasheet(HTML) 10 Page - AMIC Technology

Back Button A25L05PTQ-F Datasheet HTML 6Page - AMIC Technology A25L05PTQ-F Datasheet HTML 7Page - AMIC Technology A25L05PTQ-F Datasheet HTML 8Page - AMIC Technology A25L05PTQ-F Datasheet HTML 9Page - AMIC Technology A25L05PTQ-F Datasheet HTML 10Page - AMIC Technology A25L05PTQ-F Datasheet HTML 11Page - AMIC Technology A25L05PTQ-F Datasheet HTML 12Page - AMIC Technology A25L05PTQ-F Datasheet HTML 13Page - AMIC Technology A25L05PTQ-F Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
A25L20P/A25L10P/A25L05P Series
(August, 2007, Version 1.0)
9
AMIC Technology Corp.
A25L10P MEMORY ORGANIZATION
The memory is organized as:
131,072 bytes (8 bits each)
2 sectors (one (4/4/8/16/32) Kbytes & 64x1 Kbytes
512 pages (256 bytes each).
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector or Bulk
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 3. Memory Organization
A25L10PT Top Boot Block Address Table
Sector
Sector Size (Kbytes)
Address Range
1
4
1F000h
1FFFFh
1
4
1E000h
1EFFFh
1
8
1C000h
1DFFFh
1
16
18000h
1BFFFh
1
32
10000h
17FFFh
0
64
00000h
0FFFFh
A25L10PU Bottom Boot Block Address Table
Sector
Sector Size (Kbytes)
Address Range
1
64
10000h
1FFFFh
0-4
32
08000h
0FFFFh
0-3
16
04000h
07FFFh
0-2
8
02000h
03FFFh
0-1
4
01000h
01FFFh
0-0
4
00000h
00FFFh


Similar Part No. - A25L05PTQ-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L05PMF-50 AMICC-A25L05PMF-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L05PMF-50F AMICC-A25L05PMF-50F Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L05PMF-50U AMICC-A25L05PMF-50U Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L05PMF-50UF AMICC-A25L05PMF-50UF Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L05PMW-50 AMICC-A25L05PMW-50 Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - A25L05PTQ-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L010 AMICC-A25L010_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
   4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25P512 AMICC-A25P512 Datasheet
673Kb / 47P
   512Kbit Low Voltage, Serial Flash Memory
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
A25L512A AMICC-A25L512A Datasheet
661Kb / 46P
   512Kbit Low Voltage, Serial Flash Memory
A25LS512A AMICC-A25LS512A Datasheet
630Kb / 43P
   512Kbit Low Voltage, Serial Flash Memory
A25P010 AMICC-A25P010 Datasheet
638Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com