Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3043B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TZA3043B
Description  Gigabit Ethernet/Fibre Channel transimpedance amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3043B Datasheet(HTML) 3 Page - NXP Semiconductors

  TZA3043B Datasheet HTML 1Page - NXP Semiconductors TZA3043B Datasheet HTML 2Page - NXP Semiconductors TZA3043B Datasheet HTML 3Page - NXP Semiconductors TZA3043B Datasheet HTML 4Page - NXP Semiconductors TZA3043B Datasheet HTML 5Page - NXP Semiconductors TZA3043B Datasheet HTML 6Page - NXP Semiconductors TZA3043B Datasheet HTML 7Page - NXP Semiconductors TZA3043B Datasheet HTML 8Page - NXP Semiconductors TZA3043B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2000 Mar 28
3
Philips Semiconductors
Product specification
Gigabit Ethernet/Fibre Channel
transimpedance amplifier
TZA3043; TZA3043B
BLOCK DIAGRAM
handbook, full pagewidth
GAIN
CONTROL
BIASING
A2
A1
1 (1)
1 nF
DREF
3 (4)
IPhoto
low noise
amplifier
single-ended to
differential converter
VCC
8 (11, 12)
(13)
VCC
2, 4, 5 (2, 3, 5, 6, 7, 8)
GND
AGC(1)
peak detector
TZA3043T
TZA3043U
(9) 6
OUT
(10) 7
OUTQ
MGU096
10 pF
125
125
Fig.1 Block diagram of TZA3043T and TZA3043U.
The numbers in brackets refer to the pad numbers of the bare die version.
(1) AGC analog I/O (pad 13) is only available on the TZA3043U.
handbook, full pagewidth
GAIN
CONTROL
BIASING
A2
A1
1 (1)
1 nF
DREF
3 (4)
IPhoto
low noise
amplifier
single-ended to
differential converter
VCC
8 (11, 12)
(13)
VCC
2, 4, 5 (2, 3, 5, 6, 7, 8)
GND
AGC(1)
peak detector
TZA3043BT
TZA3043BU
(9) 6
OUT
(10) 7
OUTQ
MGU097
10 pF
125
125
Fig.2 Block diagram of TZA3043BT and TZA3043BU.
The numbers in brackets refer to the pad numbers of the bare die version.
(1) AGC analog I/O (pad 13) is only available on the TZA3043BU.


Similar Part No. - TZA3043B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3041 PHILIPS-TZA3041 Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041BHL PHILIPS-TZA3041BHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041U PHILIPS-TZA3041U Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3044 PHILIPS-TZA3044 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3043B

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
NXP Semiconductors
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Hitachi Semiconductor
HTR6516 HITACHI-HTR6516 Datasheet
569Kb / 16P
   SFP TRANSCEIVER for Gigabit Ethernet Fibre Channel
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
OPLINK Communications I...
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com