Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LIS244ALTR Datasheet(PDF) 13 Page - STMicroelectronics

Part No. LIS244ALTR
Description  MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244ALTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS244ALTR Datasheet HTML 7Page - STMicroelectronics LIS244ALTR Datasheet HTML 8Page - STMicroelectronics LIS244ALTR Datasheet HTML 9Page - STMicroelectronics LIS244ALTR Datasheet HTML 10Page - STMicroelectronics LIS244ALTR Datasheet HTML 11Page - STMicroelectronics LIS244ALTR Datasheet HTML 12Page - STMicroelectronics LIS244ALTR Datasheet HTML 13Page - STMicroelectronics LIS244ALTR Datasheet HTML 14Page - STMicroelectronics LIS244ALTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LIS244AL
Package information
13/15
Figure 5.
LGA 16: mechanical data & package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1
1.60
0.039
0.063
A2
1.33
0.052
A3
0.160
0.20
0.24
0.006
0.008
0.009
D1
3.850
4.0
4.150
0.152
0.157
0.163
E1
3.850
4.0
4.150
0.152
0.157
0.163
L
0.65
0.026
L1
1.95
0.077
N0.98
0.039
N1
1.90
0.075
T1
0.40
0.016
T2
0.30
0.012
P1
1.750
0.069
P2
1.525
0.060
R0.30
0.012
S
0.10
0.004
k0.05
0.0019
LGA 16 (4x4x1.5mm)
Outline and
7974136
mechanical data


Similar Part No. - LIS244ALTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
LIS244ALHTR STMICROELECTRONICS-LIS244ALHTR Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
More results

Similar Description - LIS244ALTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz