Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LIS244ALTR Datasheet(PDF) 8 Page - STMicroelectronics

Part No. LIS244ALTR
Description  MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244ALTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS244ALTR Datasheet HTML 4Page - STMicroelectronics LIS244ALTR Datasheet HTML 5Page - STMicroelectronics LIS244ALTR Datasheet HTML 6Page - STMicroelectronics LIS244ALTR Datasheet HTML 7Page - STMicroelectronics LIS244ALTR Datasheet HTML 8Page - STMicroelectronics LIS244ALTR Datasheet HTML 9Page - STMicroelectronics LIS244ALTR Datasheet HTML 10Page - STMicroelectronics LIS244ALTR Datasheet HTML 11Page - STMicroelectronics LIS244ALTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Mechanical and electrical specifications
LIS244AL
8/15
Self Test allows to test the mechanical and electric part of the sensor, allowing the seismic
mass to be moved by means of an electrostatic test-force. The Self Test function is off when
the ST pin is connected to GND. When the ST pin is tied at Vdd an actuation force is applied
to the sensor, simulating a definite input acceleration. In this case the sensor outputs will
exhibit a voltage change in their DC levels which is depending on the supply voltage through
the device sensitivity. When ST is activated, the device output level is given by the algebraic
sum of the signals produced by the acceleration acting on the sensor and by the
electrostatic test-force. If the output signals change within the amplitude specified inside
Table 3, than the sensor is working properly and the parameters of the interface chip are
within the defined specification.
Output impedance describes the resistor inside the output stage of each channel. This
resistor is part of a filter consisting of an external capacitor of at least 2.5nF and the internal
resistor. Due to the resistor level, only small inexpensive external capacitors are needed to
generate low corner frequencies. When interfacing with an ADC it is important to use high
input impedance input circuitries to avoid measurement errors. Note that the minimum load
capacitance forms a corner frequency close to the resonance frequency of the sensor. In
general the smallest possible bandwidth for a particular application should be chosen to get
the best results.


Similar Part No. - LIS244ALTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
LIS244ALHTR STMICROELECTRONICS-LIS244ALHTR Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
More results

Similar Description - LIS244ALTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz