Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM450HA-5F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM450HA-5F
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM450HA-5F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM450HA-5F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM450HA-5F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM450HA-5F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM450HA-5F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sep.1998
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
012345
400
0
VGE = 15V
10
8
5.5
5.25
5.0
Tj = 25
oC
200
600
1000
800
6
5.75
4.5
4.75
400
0
200
600
1000
800
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
02468
10
VCE = 10V
Tj = 25°C
Tj = 125°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
0
400
600
1000
800
200
2.0
1.5
1.0
0.5
0
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
5
10
15
4
3
2
1
0
Tj = 25°C
IC = 180A
IC = 900A
IC = 450A
0.6
0.8
1.0
1.2
1.4
1.6
1.8
101
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
104
Tj = 25°C
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
100
101
102
103
VGE = 0V
101
Cies
Coes
Cres
COLLECTOR CURRENT, IC, (AMPERES)
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
103
102
103
101
102
104
td(off)
td(on)
tr
VCC = 100V
VGE = ±10V
RG = 5.6Ω
Tj = 125°C
tf
EMITTER CURRENT, IE, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
103
102
101
trr
Irr
103
102
101
di/dt = -900A/
µsec
Tj = 25°C
GATE CHARGE, QG, (nC)
GATE CHARGE, VGE
0123
20
15
10
5
0
45
VCC = 100V
VCC = 50V
IC = 450A
MITSUBISHI IGBT MODULES
CM450HA-5F
HIGH POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - CM450HA-5F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM450HA-5F POWEREX-CM450HA-5F Datasheet
77Kb / 4P
   Trench Gate Design Single IGBTMOD??450 Amperes/250 Volts
logo
Mitsubishi Electric Sem...
CM450HA-5F MITSUBISHI-CM450HA-5F Datasheet
51Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
CM450HA-5F MITSUBISHI-CM450HA-5F_00 Datasheet
51Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM450HA-5F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com