Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3033T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TZA3033T
Description  SDH/SONET STM1/OC3 transimpedance amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3033T Datasheet(HTML) 5 Page - NXP Semiconductors

  TZA3033T Datasheet HTML 1Page - NXP Semiconductors TZA3033T Datasheet HTML 2Page - NXP Semiconductors TZA3033T Datasheet HTML 3Page - NXP Semiconductors TZA3033T Datasheet HTML 4Page - NXP Semiconductors TZA3033T Datasheet HTML 5Page - NXP Semiconductors TZA3033T Datasheet HTML 6Page - NXP Semiconductors TZA3033T Datasheet HTML 7Page - NXP Semiconductors TZA3033T Datasheet HTML 8Page - NXP Semiconductors TZA3033T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Jul 08
5
Philips Semiconductors
Objective specification
SDH/SONET STM1/OC3 transimpedance amplifier
TZA3033
Pad centre locations
Note
1. All coordinates (
µm) are measured with respect to the
bottom left-hand corner of the die.
SYMBOL
PAD
COORDINATES(1)
xy
DREF
1
95
881
TESTA
2
95
735
GND
3
95
618
GND
4
95
473
IPhoto
5
95
285
TESTB
6
95
147
GND
7
215
95
GND
8
360
95
GND
9
549
95
GND
10
691
95
OUT
11
785
501
OUTQ
12
785
641
VCC
13
567
1055
VCC
14
424
1055
AGC
15
259
1055
FUNCTIONAL DESCRIPTION
The TZA3033 is a transimpedance amplifier intended for
use in fibre optic links for signal recovery in STM1/OC3
applications. It amplifies the current generated by a photo
detector (PIN diode or avalanche photodiode) and
transforms it into a differential output voltage. The most
important characteristics of the TZA3033 are high receiver
sensitivity and wide dynamic range.
High receiver sensitivity is achieved by minimizing noise in
the transimpedance amplifier.
The signal current generated by a PIN diode can vary
between 0.25
µA to 1.6 mA (peak-to-peak value).
An AGC loop (see Fig.1) is implemented to make it
possible to handle such a wide dynamic range.
The AGC loop increases the dynamic range of the
receiver by reducing the feedback resistance of the
preamplifier. The AGC loop hold capacitor is integrated
on-chip, so an external capacitor is not needed for AGC.
The AGC voltage can be monitored at pad 15 on the naked
die (TZA3033U). Pad 15 is not bonded in the packaged
device (TZA3033T). This pad can be left unconnected
during normal operation. It can also be used to force an
external AGC voltage. If pad 15 (AGC) is connected to
VCC, the internal AGC loop is disabled and the receiver
gain is at a maximum. The maximum input current is then
about 10
µA.
A differential amplifier converts the output of the
preamplifier to a differential voltage. The data output circuit
is given in Fig.4.
The logic level symbol definitions are shown in Fig.5.


Similar Part No. - TZA3033T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3033T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
TZA3031AHL PHILIPS-TZA3031AHL Datasheet
523Kb / 22P
   SDH/SONET STM1/OC3 laser drivers
1999 Aug 24
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com