Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3023U Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TZA3023U
Description  SDH/SONET STM4/OC12 transimpedance amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3023U Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TZA3023U Datasheet HTML 6Page - NXP Semiconductors TZA3023U Datasheet HTML 7Page - NXP Semiconductors TZA3023U Datasheet HTML 8Page - NXP Semiconductors TZA3023U Datasheet HTML 9Page - NXP Semiconductors TZA3023U Datasheet HTML 10Page - NXP Semiconductors TZA3023U Datasheet HTML 11Page - NXP Semiconductors TZA3023U Datasheet HTML 12Page - NXP Semiconductors TZA3023U Datasheet HTML 13Page - NXP Semiconductors TZA3023U Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2000 Mar 29
10
Philips Semiconductors
Product specification
SDH/SONET STM4/OC12
transimpedance amplifier
TZA3023
TYPICAL PERFORMANCE CHARACTERISTICS
handbook, halfpage
−40
0
(2)
40
Tj (°C)
ICC
(mA)
120
40
20
36
80
32
28
24
MCD908
(3)
(1)
Fig.8
Supply current as a function of the junction
temperature.
(1) VCC =5V.
(2) VCC = 3.3 V.
(3) VCC =3V.
handbook, halfpage
34
ICC
(mA)
VCC (V)
56
31.4
31.0
30.2
29.8
30.6
MCD909
Fig.9
Supply current as a function of the supply
voltage.
handbook, halfpage
34
Vi
(mV)
VCC (V)
56
808
806
802
800
804
MCD910
Fig.10 Input voltage as a function of the supply
voltage.
handbook, halfpage
−40
0
(1)
(2)
(3)
40
Tj (°C)
Vi
(mV)
120
900
660
740
820
80
MCD911
Fig.11 Input voltage as a function of the junction
temperature.
(1) VCC =5V.
(2) VCC = 3.3 V.
(3) VCC =3V.


Similar Part No. - TZA3023U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3023 PHILIPS-TZA3023 Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
More results

Similar Description - TZA3023U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3005H PHILIPS-TZA3005H Datasheet
127Kb / 28P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
2000 Feb 17
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3044 PHILIPS-TZA3044 Datasheet
151Kb / 28P
   SDH/SONET STM4/OC12 and 1.25 Gbits/s Gigabit Ethernet postamplifiers
1999 Nov 03
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com