Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3001 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TZA3001
Description  SDH/SONET STM1/OC3 and STM4/OC12 transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3001 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TZA3001 Datasheet HTML 7Page - NXP Semiconductors TZA3001 Datasheet HTML 8Page - NXP Semiconductors TZA3001 Datasheet HTML 9Page - NXP Semiconductors TZA3001 Datasheet HTML 10Page - NXP Semiconductors TZA3001 Datasheet HTML 11Page - NXP Semiconductors TZA3001 Datasheet HTML 12Page - NXP Semiconductors TZA3001 Datasheet HTML 13Page - NXP Semiconductors TZA3001 Datasheet HTML 14Page - NXP Semiconductors TZA3001 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2000 Feb 17
11
Philips Semiconductors
Product specification
SDH/SONET STM1/OC3 and STM4/OC12
transceiver
TZA3005H
Other operating modes
DIAGNOSTIC LOOPBACK
A transmitter-to-receiver loopback mode is available for
diagnostic purposes. When DLEN is LOW, the differential
serial clock and data from the transmitter parallel-to-serial
block continue to be routed to transmitter outputs, but are
also routed to the receiver serial-to-parallel block instead
of the receiver input signals from pins RXSD/RXSDQ and
RXSCLK/RXSCLKQ.
LINE LOOPBACK
A receiver-to-transmitter loopback mode is available for
line testing purposes. When LLEN is LOW, the receiver
input signals (RXSD/RXSDQ and RXSCLK/RXSCLKQ)
are routed, after retiming, to the transmitter output buffers.
The receiver clock and data are also routed to the
serial-to-parallel block.
LOOP TIMING
In loop timing mode, the transmitter section is clocked by
the receiver input clock (RXSCLK) instead of by the
internal clock synthesizer. SYNCLKDIV is now derived
from RXSCLK so that it can be used to clock upstream
transmitter logic. Loop timing is enabled by setting pins
ALTPIN, TEST1, TEST2 and TEST3 (see Table 6). After
activating the loop timing mode, the receiver clock must be
synchronized to the transmitter input data
(TXPD0 to TXPD7) by activating master reset (MRST).
In loop timing mode, the internal clock synthesizer is still
used to generate the 19MHz output clock signal on
pin 19MHZO.
SQUELCHED CLOCK OPERATION
Some clock recovery devices force their recovered output
clock to zero if a loss of input signal is detected. If this
happens, the SDTTL or SDPECL signals are inactive and
no clock signal is present at pins RXSCLK and RXSCLKQ.
If no clock signal is present at pins RXSCLK/RXSCLKQ,
there is no RXPCLK signal. This may not be suitable for
some applications, in which case, the TZA3005H can be
set to squelched clock operation by setting pins ALTPIN,
TEST1, TEST2 and TEST3 as shown in Table 6.
In squelched clock operation, receiver timing is performed
by a part of the internal clock synthesizer which normally
only provides transmitter timing. This produces a RXPCLK
clock signal when either SDTTL or SDPECL is inactive. If
either SDTTL or SDPECL is inactive in squelched clock
operation, it is equivalent to normal operation. During a
transition from normal operation to squelched clock
operation, the RXPCLK clock cycle exhibits a once-only
random shortening.
Table 6 shows that the same operating mode can be
selected at different settings of the control inputs.
If ALTPIN = 0, the STM4 nibble mode is not available, but
is used for squelched clock operation. If ALTPIN = 1, all
operating modes are available, including STM4 nibble
mode.


Similar Part No. - TZA3001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3001BHL PHILIPS-TZA3001BHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3001U PHILIPS-TZA3001U Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
More results

Similar Description - TZA3001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3005 PHILIPS-TZA3005 Datasheet
546Kb / 24P
   SDH/SONET STM1/OC3 and STM4/OC12 transceiver
1997 Aug 05
TZA3034T PHILIPS-TZA3034T Datasheet
105Kb / 18P
   SDH/SONET STM1/OC3 postamplifiers
1998 Jul 07
TZA3034 PHILIPS-TZA3034 Datasheet
143Kb / 28P
   SDH/SONET STM1/OC3 postamplifier
1999 Nov 03
TZA3001AHL PHILIPS-TZA3001AHL Datasheet
517Kb / 22P
   SDH/SONET STM4/OC12 laser drivers
1999 Aug 24
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3000 PHILIPS-TZA3000 Datasheet
498Kb / 20P
   SDH/SONET STM4/OC12 optical receiver
1997 Oct 17
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
Exar Corporation
XRT91L30 EXAR-XRT91L30_10 Datasheet
104Kb / 2P
   STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver
logo
NXP Semiconductors
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3030 PHILIPS-TZA3030 Datasheet
502Kb / 20P
   SDH/SONET STM1/OC3 optical receiver
1998 Aug 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com